Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS49310 Datasheet(PDF) 41 Page - Cirrus Logic

Part # CS49310
Description  Multi-Standard Audio Decoder Family
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49310 Datasheet(HTML) 41 Page - Cirrus Logic

Back Button CS49310 Datasheet HTML 37Page - Cirrus Logic CS49310 Datasheet HTML 38Page - Cirrus Logic CS49310 Datasheet HTML 39Page - Cirrus Logic CS49310 Datasheet HTML 40Page - Cirrus Logic CS49310 Datasheet HTML 41Page - Cirrus Logic CS49310 Datasheet HTML 42Page - Cirrus Logic CS49310 Datasheet HTML 43Page - Cirrus Logic CS49310 Datasheet HTML 44Page - Cirrus Logic CS49310 Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 90 page
background image
CS49300 Family DSP
DS339F7
41
the host is valid on the rising edge of SCCLK
and data transitions occur on the falling edge of
SCCLK.
6) If INTREQ is still low after a byte transfer, an
acknowledge (SCDIO clocked low by SCCLK)
must be sent by the host to the CS493XX and
another byte should be clocked out of the
CS493XX. Please see the discussion below for
a complete description of INTREQ’s behavior.
7) When INTREQ has risen, a no acknowledge
should be sent by the host (SCDIO clocked
high by the host) to the CS493XX. This,
followed by an I2C® stop condition (SCDIO
raised, while SCCLK is high) signals an end of
read to the CS493XX.
Understanding the role of INTREQ is important for
successful communication. INTREQ is guaranteed
to remain low (once it has gone low), until the rising
edge of SCCLK for the last bit of the last byte to be
transferred out of the CS493XX (i.e. the rising
edge of SCCLK before the ACK SCCLK). If there
is no more data to be transferred, INTREQ will go
high at this point. After going high, INTREQ is
guaranteed to stay high until the next rising edge of
SCCLK (i.e. it will stay high until the rising edge of
SCCLK for the ACK/NACK bit). This end of transfer
condition signals the host to end the read
transaction by clocking the last data bit out of the
CS493XX and then sending a no acknowledge to
the CS493XX to signal that the read sequence is
over. At this point the host should send an I2C®
stop condition to complete the read sequence. If
INTREQ is still low after the rising edge of SCCLK
on the last data bit of the current byte, the host
should send an acknowledge and continue reading
data from the serial control port.
It should be noted that all data should be read out
of the serial control port during one cycle or a loss
of data will occur. In other words, all data should be
read out of the chip until INTREQ signals the last
byte by going high as described above. Please see
Section 6.1.3, “INTREQ Behavior: A Special Case”
on page 41 for a more detailed description of
INTREQ behavior.
The timing diagram in Figure 24, "I2C® Timing" on
page 42 shows the relative edges of the control
lines for an I2C® read and write.
6.1.3. INTREQ Behavior: A Special
Case
When communicating with the CS493XX there are
two types of messages which force INTREQ to go
low. These messages are known as solicited
messages and unsolicited messages. For more
information on the specific types of messages that
require a read from the host, one of the application
code user’s guides should be referenced.
INTREQ LOW?
NO
YES
SEND I2C START:
DROP SCDIO LOW
WHILE SCCLK IS HIGH
WRITE ADDRESS BYTE
SET TO 1 FOR READ
WITH MODE BIT
GET ACK
READ DATABYTE
INTREQ STILL LOW?
NO
YES
SEND ACK
SEND NACK
SEND I2C STOP:
WHILE SCLK IS HIGH
RISING EDGE OF SCDIO
Figure 23. I2C® Read Flow Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com