| Electronic Components Datasheet Search |
|
CS49310 Datasheet(PDF) 4 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS49310 Datasheet(HTML) 4 Page - Cirrus Logic |
|
4 / 90 page ![]() CS49300 Family DSP 4 DS339F7 Figure 18. Motorola® Parallel Control Mode ......................................................................... 34 Figure 19. SPI Write Flow Diagram ...................................................................................... 37 Figure 20. SPI Read Flow Diagram ...................................................................................... 37 Figure 21. SPI Timing ........................................................................................................... 39 Figure 22. I2C® Write Flow Diagram .................................................................................... 40 Figure 23. I2C® Read Flow Diagram ................................................................................... 41 Figure 24. I2C® Timing ........................................................................................................ 42 Figure 24. Intel Mode, One-Byte Write Flow Diagram .......................................................... 46 Figure 25. Intel Mode, One-Byte Read Flow Diagram .......................................................... 47 Figure 26. Motorola Mode, One-Byte Write Flow Diagram ................................................... 48 Figure 27. Motorola Mode, One-Byte Read Flow Diagram .................................................. 48 Figure 28. Typical Parallel Host Mode Control Write Sequence Flow Diagram ................... 49 Figure 29. Typical Parallel Host Mode Control Read Sequence Flow Diagram ................... 50 Figure 30. External Memory Interface .................................................................................. 53 Figure 31. External Memory Read (16-bit address) ............................................................. 53 Figure 32. External Memory Write (16-bit address) .............................................................. 53 Figure 33. Typical Serial Boot and Download Procedure ..................................................... 55 Figure 34. Typical Parallel Boot and Download Procedure .................................................. 56 Figure 35. Autoboot Timing Diagram .................................................................................... 58 Figure 36. Autoboot Sequence ............................................................................................. 59 Figure 37. Autoboot INTREQ Behavior ................................................................................ 60 Figure 38. Fast Autoboot Sequence Using GFABT Codes .................................................. 62 Figure 39. Performing a Reset ............................................................................................. 64 Figure 40. Non-Paged Memory ............................................................................................ 65 Figure 41. Example Contents of a Paged 32 Kilobytes External Memory ............................ 66 Figure 42. CDB49300-MEMA.0 Daughter Card for the CDB4923/30-REV-A.0 ................... 67 Figure 43. I2S Format ........................................................................................................... 69 Figure 44. Left Justified Format (Rising Edge Valid SCLK) .................................................. 69 Figure 45. Multichannel Format ............................................................................................ 70 LIST OF TABLES Table 1. PLL Filter Component Values................................................................................. 28 Table 2. Host Modes ............................................................................................................ 36 Table 3. SPI Communication Signals ................................................................................... 36 Table 4. I2C® Communication Signals ................................................................................. 38 Table 5. Parallel Input/Output Registers............................................................................... 45 Table 6. Intel Mode Communication Signals ........................................................................ 46 Table 7. Motorola Mode Communication Signals................................................................. 47 Table 8. Memory Interface Pins............................................................................................ 51 Table 9. Boot Write Messages ............................................................................................. 54 Table 10. Boot Read Messages ........................................................................................... 54 Table 11. Reduced Autoboot Times using GFABT8.LD, GFABT6.LD, and GFABT4.LD on a CS493264-CL Rev. G DSP................................................................................... 61 Table 12. Memory Requirements for Example 5.1, 6.1 and 7.1 Channel Systems .............. 65 Table 13. Digital Audio Input Port......................................................................................... 70 Table 14. Compressed Data Input Port ................................................................................ 70 Table 15. Digital Audio Output Port ...................................................................................... 72 Table 16. MCLK/SCLK Master Mode Ratios ........................................................................ 72 Table 17. Output Channel Mapping...................................................................................... 72 Table 18. Input Data Type Configuration (Input Parameter A) .............................................................................................. 75 Table 19. Input Data Format Configuration (Input Parameter B) .............................................................................................. 75 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |