Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS49310 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS49310
Description  Multi-Standard Audio Decoder Family
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49310 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS49310 Datasheet HTML 21Page - Cirrus Logic CS49310 Datasheet HTML 22Page - Cirrus Logic CS49310 Datasheet HTML 23Page - Cirrus Logic CS49310 Datasheet HTML 24Page - Cirrus Logic CS49310 Datasheet HTML 25Page - Cirrus Logic CS49310 Datasheet HTML 26Page - Cirrus Logic CS49310 Datasheet HTML 27Page - Cirrus Logic CS49310 Datasheet HTML 28Page - Cirrus Logic CS49310 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 90 page
background image
CS49300 Family DSP
DS339F7
25
DTS Virtual 5.1Versions)
SRS Circle SurroundI/II
HDCD®
Cirrus P.D.F. (Dolby Pro Logic 2Fs Decoder
and PCM Upsampler)
Cirrus PL2_2FS (Dolby Pro Logic II 2Fs
Decoder and PCM Upsampler)
Please refer to the CS4932x/CS49330 Part Matrix
vs. Code Matrix (PDF) document available from
the CS49300 Web Site Page for the latest listing of
audio decoding/processing algorithms. The part
will also support PES layer decode for audio/video
synchronization and DVD Audio Pack layer
support. The CS49300 will support all of the above
decoding and PCM processing standards.
CS4931X - Broadcast Sub-family. The CS4931X
sub-family is targeted at audio decoding in the
broadcast markets in systems such as digital TV,
HDTV, set-top boxes and digital audio broadcast
units (digital radios). Specifically the CS4931X
sub-family will support the following decode
standards:
Dolby Digital(AC-3) with Dolby Pro Logic
MPEG-2, Advanced Audio Coding Algorithm
(AAC)
MPEG-1, Layers 1, 2 Stereo
MPEG-1, Layers 3 (MP3) Stereo
MPEG-2, Layer 2 Stereo
MPEG-2, Layer 3 (MP3) Stereo
The part will also support PES layer decode for
audio/video synchronization. The CS49310 will
support all of the above decode standards while
other parts in the CS4931X sub-family will decode
subsets of the above audio decoding standards.
CS4932X - Audio/Video Receiver (AVR) Sub-
family. The CS4932X sub-family is targeted at
audio
decoding
in
the
audio/video
receiver
markets.
Typical
applications
will
include
amplifiers with integrated decoding capability,
outboard decoder pre-amplifiers, car radios and
any system where the compressed audio is
received in an IEC61937 format. Specifically the
CS4932X sub-family will support the following
decode standards:
Dolby Digital(AC-3) with
Dolby Pro Logic
Dolby Digitalwith Dolby Pro Logicplus
Cirrus Extra Surround
Dolby Digitalwith Dolby Pro Logic II
Dolby Digitalwith Dolby Pro Logic IIplus
Cirrus Extra Surround
Virtual Dolby Digital
MPEG-2, Advanced Audio Coding Algorithm
(AAC)
MPEG Multichannel
MPEG Multichannel with Dolby Pro Logic II
MPEG
Multichannel
plus
Cirrus
Extra
Surround
MPEG-1, Layer 3 (MP3)
DTS Digital Surround
DTS Digital Surroundwith
Dolby Pro Logic II
DTS Digital Surroundplus Cirrus Extra
Surround
DTS-ES
Extended
Surround
(DTS-ES
Discrete 6.1 & Matrix 6.1)
DTS Neo:6
•LOGIC5® (5.1 Channel, Max Fs=48kHz and
LOGIC7® (7.1 Channel, Max Fs=96kHz)
VMAx VirtualTheater® (Virtual Dolby Digital)
SRS TruSurround(Virtual Dolby Digital and
DTS Virtual 5.1Versions)
SRS Circle SurroundI/II
HDCD®
Cirrus P.D.F. (Dolby Pro Logic 2Fs Decoder
and PCM Upsampler)
Cirrus PL2_2FS (Dolby Pro Logic II 2Fs
Decoder and PCM Upsampler)
The CS49326 will support all of the above decode
standards while other parts in the CS4932X sub-
family will decode subsets of the above audio
decoding standards.
Except for the CS49329 which offers AAC support
this subfamily will offer integrated ROM support for
the AC-3 code, DTS code, Cirrus Original
Surround code and DTS tables. The CS49329 will
require an external download for all applications
but will still support the DTS tables on chip.
CS49330
-
General
Purpose,
Car
Audio
Processor, PCM Effects & Multichannel Post-
Processing Device. The CS49330 sub-family is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com