| Electronic Components Datasheet Search |
|
CS49310 Datasheet(PDF) 49 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS49310 Datasheet(HTML) 49 Page - Cirrus Logic |
|
49 / 90 page ![]() CS49300 Family DSP DS339F7 49 either Read_Byte_MOT() or Read_Byte_INT(), and ‘Write_Byte_*()’ is a generic reference to Write_Byte_MOT() or Write_Byte_INT(). Figure 28 shows a typical write sequence. The protocol presented in Figure 28 will now be described in detail. 1) When the host is communicating with the CS493XX, the host must verify that the DSP is ready to accept a new control byte. If the DSP is in the midst of an interrupt service routine, it will be unable to retrieve control data from the Host Message Register. Please note that ‘Read_Byte_*()’ and ‘Write_Byte_*()’ are generic references to either the Intel or Motorola communication protocol. If the most recent control byte has not yet been read by the DSP, the host must not write a new byte. 2) In order to determine whether the CS493XX is ready to accept a new control byte the host must check the HINBSY bit of the Host Control Register (bit 2). If HINBSY is high, then the DSP is not prepared to accept a new control byte, and the host should poll the Host Control Register again. If HINBSY is low, then the host may write a control byte into the Host Message Register. 3) The host knows that the DSP is ready for a new control byte at this point and should write the control byte to the Host Message Register (A[1:0] = 00b). 4) If the host would like to write any more control bytes to the CS493XX, the host should once again poll the Host Control Register (return to step 1). 6.2.3.2. Control Read in a Parallel Host Mode When reading control data from the CS493XX, the same protocol is used whether the host is reading a single byte or a 6 byte message. During the boot procedure, a handshaking protocol is used by the CS493XX. This handshake consists of a 3 byte write to the CS493XX followed by a 1 byte response from the DSP. The host must read the response byte and act accordingly. The boot procedure is discussed in Section 8.1, “Host Boot” on page 54. During regular operation (at run-time), the responses from the CS493XX will always be 6 bytes in length. The example shown in this section can be used for any control read situation. The generic function ‘Read_Byte_*()’ is used in the following example as a generalized reference to either Read_Byte_MOT() or Read_Byte_INT(). Figure 29 shows a typical read sequence. The protocol presented in Figure 29 will now be described in detail. 1) Optionally, INTREQ going low may be used as an interrupt to the host to indicate that the CS493XX has an outgoing message. Even with the use of INTREQ, HOUTRDY must be checked to insure that bytes are ready for the host during the read process. Please note that INTREQ does not go low to indicate an outgoing message during boot. 2) The host reads the Host Control Register (A[1:0] = 01b) in order to determine the state of Figure 28. Typical Parallel Host Mode Control Write Sequence Flow Diagram READ_BYTE_*(HOST CONTROL REGISTER) WRITE_BYTE_*(HOST MESSAGE REGISTER) MORE BYTES HINSBY==1 YES NO TO WRITE? YES NO FINISHED |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |