Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS49310 Datasheet(PDF) 40 Page - Cirrus Logic

Part # CS49310
Description  Multi-Standard Audio Decoder Family
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49310 Datasheet(HTML) 40 Page - Cirrus Logic

Back Button CS49310 Datasheet HTML 36Page - Cirrus Logic CS49310 Datasheet HTML 37Page - Cirrus Logic CS49310 Datasheet HTML 38Page - Cirrus Logic CS49310 Datasheet HTML 39Page - Cirrus Logic CS49310 Datasheet HTML 40Page - Cirrus Logic CS49310 Datasheet HTML 41Page - Cirrus Logic CS49310 Datasheet HTML 42Page - Cirrus Logic CS49310 Datasheet HTML 43Page - Cirrus Logic CS49310 Datasheet HTML 44Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 90 page
background image
CS49300 Family DSP
40
DS339F7
preceding any write. The 0x00 byte represents
the 7 bit of address (0000000b) and the
read/write bit set to 0 to designate a write.
3) After each byte (including the address and
each data byte) the host must release the data
line and provide a ninth clock for the CS493XX
to acknowledge. The CS493XX will drive the
data line low during the ninth clock to
acknowledge. If for some reason the CS493XX
does not acknowledge, it means that the last
byte sent was not received and should be
resent. If the resent byte fails to produce an
acknowledge, a stop condition should be sent
and the device should be reset.
4) The host should then clock data into the device
most significant bit first, one byte at a time. The
CS493XX will (and must) acknowledge each
byte that it receives which means that after
each
byte
the
host
must
provide
an
acknowledge clock pulse on SCCLK and
release the data line, SCDIO.
5) At the end of a data transfer a stop condition
must be sent. The stop condition is defined as
the rising edge of SCDIO while SCCLK is high.
6.1.2.2. Reading in I2C®
A read operation is necessary when the CS493XX
signals that it has data to be read. It does this by
dropping its interrupt request line (INTREQ) low.
When reading from the device in I2C®, the same
protocol will be used whether reading a single byte
or multiple bytes. The examples shown in this
document can be expanded to fit any read
situation. Figure 23 shows a typical I2C® read
sequence
1) An I2C® read transaction is initiated by the
CS493XX dropping INTREQ, signaling that it
has data to be read.
2) The host responds by sending an I2C® start
condition which is SCDIO dropping while
SCCLK is held high.
3) The start condition is followed by a 7-bit
address and the read/write bit set high for a
read. The address for the CS493XX defaults to
0000000b. It is necessary to clock this address
in prior to any transfer in order for the
CS493XX to acknowledge the read. In other
words a byte of 0x01 should be clocked into the
device preceding any read. The 0x01 byte
represents the 7 bit address 0000000b and a
read/write bit set to 1 to designate a read.
4) After the falling edge of the serial control clock
(SCCLK) for the read/write bit of the address
byte, an acknowledge must be read in by the
host. The CS493XX will drive SCDIO low to
acknowledge the address byte and to indicate
that it is ready for a read operation. If an
acknowledge is not sent by the CS493XX, a
stop condition should be issued and the read
sequence should be restarted.
5) The data is ready to be clocked out on the
SCDIO line at this point. Data clocked out by
SEND I2C START:
WRITE ADDRESS BYTE
SET TO 0 FOR WRITE
GET ACK
MORE DATA?
I2C STOP:
WITH MODE BIT
N
Y
DROP SCDIO LOW
WHILE SCCLK IS HIGH
SEND DATABYTE
GET ACK
RAISE SCDIO HIGH
WHILE SCCLK IS HIGH
Figure 22. I2C® Write Flow Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com