| Electronic Components Datasheet Search |
|
CS49310 Datasheet(PDF) 48 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS49310 Datasheet(HTML) 48 Page - Cirrus Logic |
|
48 / 90 page ![]() CS49300 Family DSP 48 DS339F7 CMPDATA: A[1:0]==11b. The host indicates that this is a write cycle by driving the R/W pin low. 2) The host initiates a write cycle by driving the CS and DS pins low. 3) The host drives the data byte to the DATA[7:0] pins of the CS493XX. 4) Once the setup time for the write has been met, the host ends the write cycle by driving the CS and DS pins high. 6.2.2.2. Reading a Byte in Motorola Mode The flow diagram shown in Figure 27 illustrates the sequence of events that define a one-byte read in Motorola mode. The protocol presented Figure 27 will now be described in detail. 1) The host must drive the A1 and A0 register address pins of the CS493XX with the address of the desired Parallel I/O Register. Note that only the Host Message register and the Host Control register can be read. Host Message: A[1:0]==00b. Host Control: A[1:0]==01b. The host indicates that this is a read cycle by driving the R/W pin high. 2) The host initiates the read cycle by driving the CS and DS pins low. 3) Once the data is valid, the host can read the value of the selected register from the DATA[7:0] pins of the CS493XX. 4) The host should now terminate the read cycle by driving the CS and DS pins high. 6.2.3. Procedures for Parallel Host Mode Communication 6.2.3.1. Control Write in a Parallel Host Mode When writing control data to the CS493XX, the same protocol is used whether the host is writing a control message or an entire executable download image. Messages sent to the CS493XX should be written most significant byte first. Likewise, downloads of the application code should also be performed most significant byte first. The example shown in this section can be generalized to fit any control write situation. The generic function ‘Read_Byte_*()’ is used in the following example as a generalized reference to Figure 26. Motorola Mode, One-Byte Write Flow Diagram R/W (LOW) CS (LOW) WRITE BYTE TO CS (HIGH) DS (LOW) ADDRESS A PARALLEL I/O REGISTER DATA [7:0] DS (HIGH) (A[1:0] SET APPROPRIATELY Figure 27. Motorola Mode, One-Byte Read Flow Diagram R/W (HIGH) CS (LOW) READ BYTE FROM CS (HIGH) ADDRESS A PARALLEL I/O REGISTER DATA [7:0] DS (HIGH) (A[1:0] SET APPROPRIATELY DS (LOW) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |