Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS49310 Datasheet(PDF) 50 Page - Cirrus Logic

Part # CS49310
Description  Multi-Standard Audio Decoder Family
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49310 Datasheet(HTML) 50 Page - Cirrus Logic

Back Button CS49310 Datasheet HTML 46Page - Cirrus Logic CS49310 Datasheet HTML 47Page - Cirrus Logic CS49310 Datasheet HTML 48Page - Cirrus Logic CS49310 Datasheet HTML 49Page - Cirrus Logic CS49310 Datasheet HTML 50Page - Cirrus Logic CS49310 Datasheet HTML 51Page - Cirrus Logic CS49310 Datasheet HTML 52Page - Cirrus Logic CS49310 Datasheet HTML 53Page - Cirrus Logic CS49310 Datasheet HTML 54Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 90 page
background image
CS49300 Family DSP
50
DS339F7
the communication interface. Please note that
‘Read_Byte_*()’ is a generalized reference to
either Read_Byte_MOT() or Read_Byte_INT().
3) In order to determine whether the CS493XX
has an outgoing control byte that is valid, the
host must check the HOUTRDY bit of the Host
Control Register (bit 1). If HOUTRDY is high,
then the Host Message Register contains a
valid message byte for the host. If HOUTRDY
is low, then the DSP has not placed a new
control byte in the Host Message Register, and
the host should poll the Host Control Register
again.
4) The host knows that the DSP is ready to
provide a new response byte at this point. The
host can safely read a byte from the Host
Message Register (A[1:0] = 00b).
5) If the host expects to read any more response
bytes, the host should once again check the
HOUTRDY bit (return to step 1). Please refer to
one of the application code user’s guides to
determine the length of messages to read from
the CS493XX. Typically this length is 1, 3 or 6
bytes, and can be deduced from the message
OPCODE.
6) After the response has been read the host
should wait at least 100 uS and check
HOUTRDY one final time. If HOUTRDY is high
once again this means that an unsolicited
message has come during the read process
and the host has another message to read (i.e.
skip back to step 4 and read out the new
message).
Figure 29. Typical Parallel Host Mode Control
Read Sequence Flow Diagram
READ_BYTE_*(HOST CONTROL REGISTER)
READ_BYTE_*(HOST MESSAGE REGISTER)
MORE BYTES
HOUTRDY==1
NO
YES
TO READ?
YES
NO
FINISHED
INTREQ = 0
YES
WAIT 100 uS
READ_BYTE_*(HOST CONTROL REGISTER)
HOUTRDY==1
NO
YES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com