Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATtiny461-ESSZ Datasheet(PDF) 191 Page - ATMEL Corporation

Part # ATtiny461-ESSZ
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny461-ESSZ Datasheet(HTML) 191 Page - ATMEL Corporation

Back Button ATtiny461-ESSZ Datasheet HTML 187Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 188Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 189Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 190Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 191Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 192Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 193Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 194Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 195Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 227 page
background image
191
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
23.6
ADC Characteristics
Table 23-5.
ADC Characteristics, Single Ended Channels, -40°C +125°C
Symbol
Parameter
Condition
Min
Typ
Max
Units
Resolution
Single Ended Conversion
10
Bits
TUE
Absolute accuracy
V
CC = 4V, VREF = 4V,
ADC clock = 200 kHz
2.0
4.0
LSB
INL
Integral Non-linearity
V
CC = 4V,VREF = 4V,
ADC clock = 200 kHz
0.6
1.8
LSB
DNL
Differential Non-linearity (DNL)
VCC = 4V, VREF = 4V,
ADC clock = 200 kHz
0.2
0.6
LSB
Gain Error
V
CC = 4V, VREF = 4V,
ADC clock = 200 kHz
-5.0
-2.0
3.0
LSB
Offset Error
V
CC = 4V, VREF = 4V,
ADC clock = 200 kHz
-3.5
1.2
3.5
LSB
VREF
External Reference Voltage
2.56
AVCC
V
Clock Frequency
50
200
kHz
AVCC
Analog Supply Frequency
V
CC - 0.3
V
CC + 0.3
V
VINT
Internal Voltage Reference
1.0
1.1
1.2
V
R
AIN
Analog Input Resistance
100
M
Ω
R
Ref
Reference Input Resistance
21
30
39
k
Ω
Temperature Sensor Accuracy
After Firmware Calibration
Internal V
REF
V
CC = 3V
±10
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com