Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATtiny461-ESSZ Datasheet(PDF) 93 Page - ATMEL Corporation

Part # ATtiny461-ESSZ
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny461-ESSZ Datasheet(HTML) 93 Page - ATMEL Corporation

Back Button ATtiny461-ESSZ Datasheet HTML 89Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 90Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 91Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 92Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 93Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 94Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 95Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 96Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 97Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 227 page
background image
93
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
Figure 16-1. Timer/Counter1 Block Diagram
16.2.1
Speed
The maximum speed of the Timer/Counter1 is 64 MHz. However, if a supply voltage below 2.7
volts is used, it is recommended to use the Low Speed Mode (LSM), because the
Timer/Counter1 is not running fast enough on low voltage levels. In the Low Speed Mode the
fast peripheral clock is scaled down to 32 MHz. For more details about the Low Speed Mode,
see “PLLCSR – PLL Control and Status Register” on page 90.
16.2.2
Accuracy
The Timer/Counter1 is a 10-bit Timer/Counter module that can alternatively be used as an 8-bit
Timer/Counter. The Timer/Counter1 registers are basically 8-bit registers, but on top of that
there is a 2-bit High Byte Register (TC1H) that can be used as a common temporary buffer to
access the two MSBs of the 10-bit Timer/Counter1 registers by the AVR CPU via the 8-bit data
bus, if the 10-bit accuracy is used. Whereas, if the two MSBs of the 10-bit registers are written to
zero the Timer/Counter1 is working as an 8-bit Timer/Counter. When reading the low byte of any
8-bit register the two MSBs are written to the TC1H register, and when writing the low byte of
any 8-bit register the two MSBs are written from the TC1H register. Special procedures must be
followed when accessing the 10-bit Timer/Counter1 values via the 8-bit data bus. These proce-
dures are described in the section “Accessing 10-Bit Registers” on page 112.
8-BIT DATABUS
T/C INT. FLAG
REGISTER (TIFR)
10-BIT COMPARATOR
8-BIT OUTPUT COMPARE
REGISTER A (OCR1A)
T/C INT. MASK
REGISTER (TIMSK)
TIMER/COUNTER1
(TCNT1)
DIRECTION
TIMER/COUNTER1 CONTROL LOGIC
TOV1
OCF1B
OC1A
OCF1A
T/C CONTROL
REGISTER A (TCCR1A)
10-BIT COMPARATOR
8-BIT OUTPUT COMPARE
REGISTER B (OCR1B)
T/C CONTROL
REGISTER B (TCCR1B)
OC1A
OC1B
OC1B
DEAD TIME GENERATOR
DEAD TIME GENERATOR
10-BIT COMPARATOR
8-BIT OUTPUT COMPARE
REGISTER C (OCR1C)
10-BIT COMPARATOR
8-BIT OUTPUT COMPARE
REGISTER D (OCR1D)
T/C CONTROL
REGISTER C (TCCR1C)
OCF1D
OC1D
OC1D
DEAD TIME GENERATOR
OCW1A
OCW1B
OCW1D
2-BIT HIGH BYTE
REGISTER (TC1H)
T/C CONTROL
REGISTER D (TCCR1E)
10-BIT OUTPUT
COMPARE REGISTER B
10-BIT OUTPUT
COMPARE REGISTER C
10-BIT OUTPUT
COMPARE REGISTER D
10-BIT OUTPUT
COMPARE REGISTER A
CLEAR
COUNT
CLK
T/C CONTROL
REGISTER C (TCCR1D)
FAULT_PROTECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com