Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATtiny461-ESSZ Datasheet(PDF) 75 Page - ATMEL Corporation

Part # ATtiny461-ESSZ
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny461-ESSZ Datasheet(HTML) 75 Page - ATMEL Corporation

Back Button ATtiny461-ESSZ Datasheet HTML 71Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 72Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 73Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 74Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 75Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 76Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 77Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 78Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 79Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 227 page
background image
75
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
The counter is incremented at each timer clock (clk
T0) until it passes its TOP value and then
restarts from BOTTOM. The counting sequence is determined by the setting of the CTC0 bit
located in the Timer/Counter Control Register (TCCR0A). For more details about counting
sequences, see “Modes of Operation” on page 75. clk
T0 can be generated from an external or
internal clock source, selected by the Clock Select bits (CS02:0). When no clock source is
selected (CS02:0 = 0) the timer is stopped. However, the TCNT0 value can be accessed by the
CPU, regardless of whether clk
T0 is present or not. A CPU write overrides (has priority over) all
counter clear or count operations. The Timer/Counter Overflow Flag (TOV0) is set when the
counter reaches the maximum value and it can be used for generating a CPU interrupt.
14.5
Modes of Operation
The mode of operation is defined by the Timer/Counter Width (TCW0), Input Capture Enable
(ICEN0) and Wave Generation Mode (CTC0) bits in “TCCR0A – Timer/Counter0 Control Regis-
ter A” on page 85. Table 14-3 shows the different Modes of Operation.
14.5.1
Normal 8-bit Mode
In the Normal 8-bit mode, see Table 14-3 on page 75, the counter (TCNT0L) is incrementing
until it overruns when it passes its maximum 8-bit value (MAX = 0xFF) and then restarts from the
bottom (0x00). The Overflow Flag (TOV0) will be set in the same timer clock cycle as the
TCNT0L becomes zero. The TOV0 Flag in this case behaves like a ninth bit, except that it is only
set, not cleared. However, combined with the timer overflow interrupt that automatically clears
the TOV0 Flag, the timer resolution can be increased by software. There are no special cases to
consider in the Normal 8-bit mode, a new counter value can be written anytime. The Output
Compare Unit can be used to generate interrupts at some given time.
14.5.2
Clear Timer on Compare Match (CTC) 8-bit Mode
In Clear Timer on Compare or CTC mode, see Table 14-3 on page 75, the OCR0A Register is
used to manipulate the counter resolution. In CTC mode the counter is cleared to zero when the
counter value (TCNT0) matches the OCR0A. The OCR0A defines the top value for the counter,
hence also its resolution. This mode allows greater control of the Compare Match output fre-
quency. It also simplifies the operation of counting external events.
The timing diagram for the CTC mode is shown in Figure 14-2. The counter value (TCNT0)
increases until a Compare Match occurs between TCNT0 and OCR0A, and then counter
(TCNT0) is cleared.
Table 14-3.
Modes of operation
Mode
ICEN0
TCW0
CTC0
Mode of Operation
TOP Value
Update of OCRx at
TOV Flag Set on
0000
Normal 8-bit Mode
0xFF
Immediate
MAX (0xFF)
1001
8-bit CTC
OCR0A
Immediate
MAX (0xFF)
2
0
1
X
16-bit Mode
0xFFFF
Immediate
MAX (0xFFFF)
3
1
0
X
8-bit Input Capture Mode
0xFF
Immediate
MAX (0xFF)
4
1
1
X
16-bit Input Capture Mode
0xFFFF
Immediate
MAX (0xFFFF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com