Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATtiny461-ESSZ Datasheet(PDF) 86 Page - ATMEL Corporation

Part # ATtiny461-ESSZ
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny461-ESSZ Datasheet(HTML) 86 Page - ATMEL Corporation

Back Button ATtiny461-ESSZ Datasheet HTML 82Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 83Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 84Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 85Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 86Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 87Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 88Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 89Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 90Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 227 page
background image
86
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
Modes of operation supported by the Timer/Counter unit are: Normal mode (counter) and Clear
Timer on Compare Match (CTC) mode (see “Modes of Operation” on page 75).
14.10.2
TCNT0L – Timer/Counter0 Register Low Byte
The Timer/Counter0 Register Low Byte, TCNT0L, gives direct access, both for read and write
operations, to the Timer/Counter unit 8-bit counter. Writing to the TCNT0L Register blocks (dis-
ables) the Compare Match on the following timer clock. Modifying the counter (TCNT0L) while
the counter is running, introduces a risk of missing a Compare Match between TCNT0L and the
OCR0x Registers. In 16-bit mode the TCNT0L register contains the lower part of the 16-bit
Timer/Counter0 Register.
14.10.3
TCNT0H – Timer/Counter0 Register High Byte
When 16-bit mode is selected (the TCW0 bit is set to one) the Timer/Counter Register TCNT0H
combined to the Timer/Counter Register TCNT0L gives direct access, both for read and write
operations, to the Timer/Counter unit 16-bit counter. To ensure that both the high and low bytes
are read and written simultaneously when the CPU accesses these registers, the access is per-
formed using an 8-bit temporary high byte register (TEMP). This temporary register is shared by
all the other 16-bit registers. See “Accessing Registers in 16-bit Mode” on page 81
14.10.4
OCR0A – Timer/Counter0 Output Compare Register A
The Output Compare Register A contains an 8-bit value that is continuously compared with the
counter value (TCNT0L). A match can be used to generate an Output Compare interrupt.
In 16-bit mode the OCR0A register contains the low byte of the 16-bit Output Compare Register.
To ensure that both the high and the low bytes are written simultaneously when the CPU writes
to these registers, the access is performed using an 8-bit temporary high byte register (TEMP).
This temporary register is shared by all the other 16-bit registers. See “Accessing Registers in
16-bit Mode” on page 81.
14.10.5
OCR0B – Timer/Counter0 Output Compare Register B
The Output Compare Register B contains an 8-bit value that is continuously compared with the
counter value (TCNT0L in 8-bit mode and TCNTH in 16-bit mode). A match can be used to gen-
erate an Output Compare interrupt.
Bit
76543210
0x32 (0x52)
TCNT0L[7:0]
TCNT0L
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
00000000
Bit
76543210
0x14 (0x34)
TCNT0H[7:0]
TCNT0H
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
00000000
Bit
76543210
0x13 (0x33)
OCR0A[7:0]
OCR0A
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
00000000
Bit
76543210
0x12 (0x32)
OCR0B[7:0]
OCR0B
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com