Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATtiny461-ESSZ Datasheet(PDF) 42 Page - ATMEL Corporation

Part # ATtiny461-ESSZ
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny461-ESSZ Datasheet(HTML) 42 Page - ATMEL Corporation

Back Button ATtiny461-ESSZ Datasheet HTML 38Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 39Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 40Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 41Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 42Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 43Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 44Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 45Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 46Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 227 page
background image
42
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
Figure 9-3.
MCU Start-up, RESET Extended Externally
Table 9-1.
Power On Reset Specifications
Note:
1. Before rising, the supply has to be between
V
PORMIN and VPORMAX to ensure a Reset.
9.0.4
External Reset
An External Reset is generated by a low level on the RESET pin if enabled. Reset pulses longer
than the minimum pulse width (see “System and Reset Characteristics” on page 190) will gener-
ate a reset, even if the clock is not running. Shorter pulses are not guaranteed to generate a
reset. When the applied signal reaches the Reset Threshold Voltage – V
RST – on its positive
edge, the delay counter starts the MCU after the Time-out period – t
TOUT – has expired.
Figure 9-4.
External Reset During Operation
Symbol
Parameter
Min
Typ
Max
Unit
VPOT
Power-on Reset Threshold Voltage (rising)
1.1
1.4
1.7
V
Power-on Reset Threshold Voltage (falling)(1)
0.8
1.3
1.6
V
VPORMAX
VCC Max. start voltage to ensure internal
Power-on Reset signal
0.4
V
V
PORMIN
VCC Min. start voltage to ensure internal
Power-on Reset signal
-0.1
V
V
CCRR
VCC Rise Rate to ensure Power-on Reset
0.01
V/ms
VRST
RESET Pin Threshold Voltage
0.1 VCC
0.9VCC
V
RESET
TIME-OUT
INTERNAL
RESET
t
TOUT
V
RST
VCC
VPOT
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com