Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATtiny461-ESSZ Datasheet(PDF) 66 Page - ATMEL Corporation

Part # ATtiny461-ESSZ
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny461-ESSZ Datasheet(HTML) 66 Page - ATMEL Corporation

Back Button ATtiny461-ESSZ Datasheet HTML 62Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 63Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 64Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 65Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 66Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 67Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 68Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 69Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 70Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 227 page
background image
66
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
Note:
1. INTRC means that one of the internal RC Oscillators are selected (by the CKSEL fuses),
EXTCK means that external clock is selected (by the CKSEL fuses).
12.3.2
Alternate Functions of Port A
The Port A pins with alternate function are shown in Table 12-6.
The alternate pin configuration is as follows:
• Port A, Bit 7- ADC6/AIN0/PCINT7
ADC6: Analog to Digital Converter, Channel 6.
AIN0: Analog Comparator Input. Configure the port pin as input with the internal pull-up switched
off to avoid the digital port function from interfering with the function of the Analog Comparator.
PCINT7: Pin Change Interrupt source 8.
Table 12-5.
Overriding Signals for Alternate Functions in PB3..PB0
Signal
Name
PB3/OC1B/
PCINT11
PB2/SCK/USCK/SCL/
OC1B/PCINT10
PB1/MISO/DO/OC1A/
PCINT9
PB0/MOSI/DI/SDA/
OC1A/PCINT8
PUOE
0
0
0
0
PUOV
0
0
0
0
DDOE
0
USI_TWO_WIRE • USIPOS
0
USI_TWO_WIRE •
USIPOS
DDOV
0
(USI_SCL_HOLD +
PORTB2) • DDB2 • USIPOS
0
(SDA + PORTB0) •
DDB0 • USIPOS
PVOE
OC1B Enable
OC1B Enable + USIPOS •
USI_TWO_WIRE • DDB2
OC1A Enable + USIPOS
• USI_THREE_WIRE
OC1A Enable +
(USI_TWO_WIRE •
DDB0 • USIPOS)
PVOV
OC1B
OC1B
OC1A + (DO • USIPOS)OC1A
PTOE
0
USITC • USIPOS
00
DIEOE PCINT11 • PCIE
PCINT10 • PCIE + USISIE •
USIPOS
PCINT9 • PCIE
PCINT8 • PCIE +
(USISIE • USIPOS)
DIEOV
0
0
0
0
DI
PCINT11
USCK/SCL/PCINT10
PCINT9
DI/SDA/PCINT8
AIO
Table 12-6.
Port B Pins Alternate Functions
Port Pin
Alternate Function
PA7
ADC6 / AIN0 / PCINT7
PA6
ADC5 / AIN1 / PCINT6
PA5
ADC4 / AIN2 / PCINT5
PA4
ADC3 /ICP0/ PCINT4
PA3
AREF / PCINT3
PA2
ADC2 / INT1 / USCK / SCL / PCINT2
PA1
ADC1 / DO / PCINT1
PA0
ADC0 / DI / SDA / PCINT0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com