Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATtiny461-ESSZ Datasheet(PDF) 30 Page - ATMEL Corporation

Part # ATtiny461-ESSZ
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny461-ESSZ Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button ATtiny461-ESSZ Datasheet HTML 26Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 27Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 28Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 29Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 30Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 31Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 32Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 33Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 227 page
background image
30
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
7.7
128 kHz Internal Oscillator
The 128 kHz internal Oscillator is a low power Oscillator providing a clock of 128 kHz. The fre-
quency is nominal at 3V and 25°C. This clock may be select as the system clock by
programming the CKSEL Fuses to “0011”.
When this clock source is selected, start-up times are determined by the SUT Fuses as shown in
Table 7-8.
7.8
Low-frequency Crystal Oscillator
To use a 32.768 kHz watch crystal as the clock source for the device, the low-frequency crystal
oscillator must be selected by setting CKSEL fuses to ‘0100’. The crystal should be connected
as shown in Figure 7-4. Refer to the 32 kHz Crystal Oscillator Application Note for details on
oscillator operation and how to choose appropriate values for C1 and C2.
When this oscillator is selected, start-up times are determined by the SUT fuses as shown in
Table 7-9.
Notes:
1. These options should only be used if frequency stability at start-up is not important for the
application.
7.9
Crystal Oscillator
XTAL1 and XTAL2 are input and output, respectively, of an inverting amplifier which can be con-
figured for use as an On-chip Oscillator, as shown in Figure 7-4. Either a quartz crystal or a
ceramic resonator may be used.
C1 and C2 should always be equal for both crystals and resonators. The optimal value of the
capacitors depends on the crystal or resonator in use, the amount of stray capacitance, and the
electromagnetic noise of the environment. Some initial guidelines for choosing capacitors for
use with crystals are given in Table 7-10. For ceramic resonators, the capacitor values given by
the manufacturer should be used.
Table 7-8.
Start-up Times for the 128 kHz Internal Oscillator
SUT1..0
Start-up Time from
Power-down and Power-save
Additional Delay from
Reset
Recommended Usage
00
6 CK
14CK
BOD enabled
01
6 CK
14CK + 4 ms
Fast rising power
10
6 CK
14CK + 64 ms
Slowly rising power
11
Reserved
Table 7-9.
Start-up Times for the Low Frequency Crystal Oscillator Clock Selection
SUT1..0
Start-up Time from Power
Down and Power Save
Additional Delay from
Reset (VCC = 5.0V)
Recommended usage
00
1K (1024) CK(1)
4 ms
Fast rising power or BOD enabled
01
1K (1024) CK(1)
64 ms
Slowly rising power
10
32K (32768) CK
64 ms
Stable frequency at start-up
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com