Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATtiny461-ESSZ Datasheet(PDF) 188 Page - ATMEL Corporation

Part # ATtiny461-ESSZ
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny461-ESSZ Datasheet(HTML) 188 Page - ATMEL Corporation

Back Button ATtiny461-ESSZ Datasheet HTML 184Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 185Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 186Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 187Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 188Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 189Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 190Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 191Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 192Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 227 page
background image
188
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
Notes:
1. All DC Characteristics contained in this data sheet are based on simulation and characterization of ATtiny261/461/861 AVR
microcontrollers manufactured in a typical process technology. These values are preliminary values representing design tar-
gets, and will be updated after characterization of actual Automotive silicon.
2. “Max” means the highest value where the pin is guaranteed to be read as low.
3. “Min” means the lowest value where the pin is guaranteed to be read as high.
4. Although each I/O port can sink more than the test conditions (10 mA at V
CC = 5V, 5 mA at VCC = 3V) under steady state
conditions (non-transient), the following must be observed:
1] The sum of all IOL, for all ports, should not exceed 60 mA.
If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater
than the listed test condition.
5. Although each I/O port can source more than the test conditions (10 mA at VCC = 5V, 5 mA at VCC = 3V) under steady state
conditions (non-transient), the following must be observed:
1] The sum of all IOH, for all ports, should not exceed 60 mA.
If IOH exceeds the test condition, VOH may exceed the related specification. Pins are not guaranteed to source current
greater than the listed test condition.
6. Values using methods described in “Minimizing Power Consumption” on page 36. Power Reduction is enabled (PRR =
0xFF) and there is no I/O drive.
7. BOD Disabled.
ICC
Power Supply Current
Active 4MHz, VCC = 3V
(6) ATD On
1.45
2
mA
Active 8MHz, VCC = 5V
(6) ATD On
3.96
6
mA
Active 16MHz, VCC = 5V
(6) ATD On
7.16
10
mA
Idle 4MHz, VCC = 3V
(6)
0.25
0.4
mA
Idle 8MHz, VCC = 5V
(6)
0.96
1.2
mA
Idle 16MHz, VCC = 5V
(6)
1.91
2.5
mA
Power-down mode
WDT enabled, VCC = 3V
(7)
450
µA
WDT disabled, VCC = 3V
(7)
0.12
30
µA
WDT enabled, VCC = 5V
(7)
675
µA
WDT disabled, VCC = 5V
(7)
0.13
45
µA
VACIO
Analog Comparator
Input Offset Voltage
V
CC = 5V, Vin = VCC/2
10
40
mV
IACLK
Analog Comparator
Input Leakage Current
V
CC = 5V, Vin = VCC/2
-50
50
nA
T
A = -40°C to 125°C, VCC = 2.7V to 5.5V (unless otherwise noted)
(1) (Continued)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com