Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATtiny461-ESSZ Datasheet(PDF) 189 Page - ATMEL Corporation

Part # ATtiny461-ESSZ
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny461-ESSZ Datasheet(HTML) 189 Page - ATMEL Corporation

Back Button ATtiny461-ESSZ Datasheet HTML 185Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 186Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 187Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 188Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 189Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 190Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 191Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 192Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 193Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 227 page
background image
189
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
23.3
Speed Grades
Figure 23-1. Maximum Frequency vs. V
CC
23.4
Clock Characteristics
23.4.1
Calibrated Internal RC Oscillator Accuracy
Notes:
1. Voltage range for ATtiny261/461/861.
23.4.2
External Clock Drive Waveforms
Figure 23-2. External Clock Drive Waveforms
16 MHz
8 MHz
2.7V
4.5V
5.5V
Safe Operating Area
Table 23-1.
Calibration Accuracy of Internal RC Oscillator
Frequency
VCC
Temperature
Calibration Accuracy
Factory
Calibration
8.0 MHz
3V
25°C
±2%
2.7V to 5.5V(1)
-40°C to +125°C
±14%
VIL1
VIH1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com