Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS5LC512K8F-25L/IT Datasheet(PDF) 3 Page - Austin Semiconductor

Part # AS5LC512K8F-25L/IT
Description  512K x 8 SRAM 3.3 VOLT HIGH SPEED SRAM with CENTER POWER PINOUT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS5LC512K8F-25L/IT Datasheet(HTML) 3 Page - Austin Semiconductor

  AS5LC512K8F-25L/IT Datasheet HTML 1Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 2Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 3Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 4Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 5Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 6Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 7Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 8Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
AS5LC512K8
AS5LC512K8
Rev. 2.1 08/09
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
3
Austin Semiconductor, Inc.
ABSOLUTE MAXIMUM RATINGS*
Voltage on Vcc Supply Relative to Vss
Vcc .........................................................................-.5V to 4.6V
Storage Temperature .....................................-65
°C to +150°C
Short Circuit Output Current (per I/O)…........................20mA
Voltage on any Pin Relative to Vss........................-.5V to 4.6V
Maximum Junction Temperature**..............................+150
°C
Power Dissipation ................................................................1W
*Stresses greater than those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the
operation section of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods
may affect reliability.
** Junction temperature depends upon package type, cycle
time, loading, ambient temperature and airflow, and humidity.
ELECTRICAL CHARACTERISTICS AND RECOMMENDED DC OPERATING CONDITIONS
(-55oC < T
A
< +125oC & -40oC < T
A
< +85oC ; Vcc = 3.3V +0.3%)
CAPACITANCE
MAX
DESCRIPTION
CONDITIONS
SYM
-12
-15
-20
-25
UNITS NOTES
Power Supply
Current: Operating
CE\ < VIL; Vcc = MAX
f = MAX = 1/tRC
Outputs Open
ICCSP
80
70
60
55
mA
3, 2
"L" Version Only
ICCLP
60
50
40
35
mA
Power Supply
Current: Standby
CE\ > VIH, All other inputs < VIL,
Vcc = MAX, f = 0,
Outputs Open
ISBTSP
20
20
20
20
mA
"L" Version Only
ISBTLP
15
15
15
15
mA
CE\ > Vcc -0.2V; Vcc = MAX
VIN<Vss +0.2V or
VIN>Vcc -0.2V; f = 0
ISBCSP
15
15
15
15
mA
"L" Version Only
ISBCLP
9999
mA







    


 


    





  
  



μ!
"  
" # $#%&
  



μ!
"  
 ' ( )!

(



"  
 ')!


*


PARAMETER
CONDITIONS
SYMBOL
MAX
UNITS
NOTES
Input Capacitance
CI
9pF
4
Output Capactiance
Co
6
pF
4
TA = 25
oC, f = 1MHz
VIN = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com