Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS5LC512K8F-25L/IT Datasheet(PDF) 11 Page - Austin Semiconductor

Part # AS5LC512K8F-25L/IT
Description  512K x 8 SRAM 3.3 VOLT HIGH SPEED SRAM with CENTER POWER PINOUT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS5LC512K8F-25L/IT Datasheet(HTML) 11 Page - Austin Semiconductor

Back Button AS5LC512K8F-25L/IT Datasheet HTML 5Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 6Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 7Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 8Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 9Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 10Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 11Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 12Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 13Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
AS5LC512K8
AS5LC512K8
Rev. 2.1 08/09
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
11
Austin Semiconductor, Inc.
MECHANICAL DEFINITIONS*
ASI Case #210 (Package Designator EC)
D
E
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
Pin 1 identifier area
L2
L
e
B
R
D1
1
36
*All measurements are in inches.
A
A1
P
MIN
MAX
A
0.080
0.100
A1
0.054
0.066
B
0.022
0.028
D
0.910
0.930
D1
0.840
0.860
E
0.445
0.460
e
L
L2
0.115
0.135
P
---
0.006
R
0.009 TYP
ASI SPECIFICATIONS
SYMBOL
0.050 BSC
0.100 TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com