Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS5LC512K8F-25L/IT Datasheet(PDF) 6 Page - Austin Semiconductor

Part # AS5LC512K8F-25L/IT
Description  512K x 8 SRAM 3.3 VOLT HIGH SPEED SRAM with CENTER POWER PINOUT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS5LC512K8F-25L/IT Datasheet(HTML) 6 Page - Austin Semiconductor

Back Button AS5LC512K8F-25L/IT Datasheet HTML 2Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 3Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 4Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 5Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 6Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 7Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 8Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 9Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 10Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
AS5LC512K8
AS5LC512K8
Rev. 2.1 08/09
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
6
Austin Semiconductor, Inc.
LOW V
CC DATA RETENTION WAVEFORM
READ CYCLE NO. 11, 2
(Address Controlled, CE\ = OE\ = V
IL, WE\ = VIH)
READ CYCLE NO. 2
(WE\ = V
IH)
1234
1234
1234
1234
1234
Don’t Care
Undefined
123456
123456
123456
123456
123456
123456789012345
123456789012345
123456789012345
123456789012345
123456789012345
123456789012345
123456789012345
123456789012345
12345
12345
12345
12345
12345
12345
12345
12345
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
123456789012345
123456789012345
123456789012345
123456789012345
123456789012345
123456789012345
123456789012345
123456789012345
1234
1234
1234
1234
1234
1234
1234
1234
123456
123456
123456
123456
123456
123456
123456
123456
DATA RETENTION MODE
4.5V
4.5V
V
DR > 2V
V
DR
t
CDR
t
R
V
CC
CE\
V
IH-
V
IL-
ADDRESS
t
RC
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
12345678901
12345678901
12345678901
12345678901
12345678901
12345678901
12
12
12
12
12
12
12
12
12
12
12
t
OH
t
AA
Previous Data Valid
Data Valid
I/O, DATA IN
& OUT
VALID
ADDRESS
t
RC
t
AOE
CE\
t
LZOE
t
ACE
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
12345
12345
12345
12345
12345
12345
1
1
1
1
1
1
1
1
1
1
1
1
Data Valid
High-Z
t
HZOE
t
HZCE
t
PD
I/O, DATA IN
& OUT
Icc
t
LZCE
t
PU
NOTES:
1. WE\ is HIGH for READ cycle.
2. Device is continuously selected. Chip enables and output enables are held in their
active state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com