Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS5LC512K8F-25L/IT Datasheet(PDF) 7 Page - Austin Semiconductor

Part # AS5LC512K8F-25L/IT
Description  512K x 8 SRAM 3.3 VOLT HIGH SPEED SRAM with CENTER POWER PINOUT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS5LC512K8F-25L/IT Datasheet(HTML) 7 Page - Austin Semiconductor

Back Button AS5LC512K8F-25L/IT Datasheet HTML 3Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 4Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 5Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 6Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 7Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 8Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 9Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 10Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 11Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
AS5LC512K8
AS5LC512K8
Rev. 2.1 08/09
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
7
Austin Semiconductor, Inc.
WRITE CYCLE NO. 11
(CE Controlled)
WRITE CYCLE NO. 21, 2
(Write Enabled Controlled)
1234567890
1234567890
1234567890
1234567890
123456789012345678901234
123456789012345678901234
123456789012345678901234
123456789012345678901234
12345678901234567890123456
12345678901234567890123456
12345678901234567890123456
12345678901234567890123456
123456
123456
123456
123456
123456789012345678
123456789012345678
123456789012345678
123456789012345678
123456789012345678
123456789012345678
123456789012345678
123456789012345678
ADDRESS
t
WC
t
CW
CE\
t
AW
Data Valid
t
AH
t
AS
I/O, DATA OUT
t
WP1
t
DS
t
DH
WE\
I/O, DATA IN
High-Z
High-Z
ADDRESS
t
WC
t
CW
CE\
1234567890
1234567890
1234567890
1234567890
1234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
123456789012345678901
123456789012345678901
123456789012345678901
123456789012345678901
123456789012345678901
1234567
1234567
1234567
1234567
1234567
123456789012345
123456789012345
123456789012345
123456789012345
123456789012345
12345678901234567
12345678901234567
12345678901234567
12345678901234567
12345678901234567
t
AW
Data Valid
t
AH
t
AS
I/O, DATA OUT
123456
123456
123456
123456
123456
t
WP1
t
DH
WE\
I/O, DATA IN
High-Z
High-Z
NOTES:
1.
Chip enable and write enable can initiate and terminate a WRITE cycle.
2.
Output enable (OE\) is inactive (HIGH).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com