Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS5LC512K8F-25L/IT Datasheet(PDF) 2 Page - Austin Semiconductor

Part # AS5LC512K8F-25L/IT
Description  512K x 8 SRAM 3.3 VOLT HIGH SPEED SRAM with CENTER POWER PINOUT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS5LC512K8F-25L/IT Datasheet(HTML) 2 Page - Austin Semiconductor

  AS5LC512K8F-25L/IT Datasheet HTML 1Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 2Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 3Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 4Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 5Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 6Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 7Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 8Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
AS5LC512K8
AS5LC512K8
Rev. 2.1 08/09
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
2
Austin Semiconductor, Inc.
FUNCTIONAL BLOCK DIAGRAM
TRUTH TABLE
MODE
OE\
CE\
WE\
I/O
POWER
STANDBY
X
H
X
HIGH-Z
STANDBY
READ
L
L
H
Q
ACTIVE
NOT SELECTED
H
L
H
HIGH-Z
ACTIVE
WRITE
X
L
L
D
ACTIVE
S
N
O
I
T
C
N
U
F
N
I
P
8
1
A
-
0
As
t
u
p
n
I
s
s
e
r
d
d
A
\
E
We
l
b
a
n
E
e
t
i
r
W
\
E
Ce
l
b
a
n
E
p
i
h
C
\
E
Oe
l
b
a
n
E
t
u
p
t
u
O
O
/
I
0
O
/
I
-
7
s
t
u
p
t
u
O
/
s
t
u
p
n
I
a
t
a
D
V
C
C
r
e
w
o
P
V
S
S
d
n
u
o
r
G
C
Nn
o
i
t
c
e
n
n
o
C
o
N
X = Don’t Care
VCC
GND
4,194,304-BIT
MEMORY ARRAY
1024 ROWS X
4096 COLUMNS
COLUMN DECODER
*POWER
DOWN
CE\
OE\
WE\
DQ8
DQ1
A0-A18
*On the low voltage Data Retention option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com