Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS5LC512K8F-25L/IT Datasheet(PDF) 1 Page - Austin Semiconductor

Part # AS5LC512K8F-25L/IT
Description  512K x 8 SRAM 3.3 VOLT HIGH SPEED SRAM with CENTER POWER PINOUT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS5LC512K8F-25L/IT Datasheet(HTML) 1 Page - Austin Semiconductor

  AS5LC512K8F-25L/IT Datasheet HTML 1Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 2Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 3Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 4Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 5Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 6Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 7Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 8Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
AS5LC512K8
AS5LC512K8
Rev. 2.1 08/09
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
1
Austin Semiconductor, Inc.
FEATURES
• Ultra High Speed Asynchronous Operation
• Fully Static, No Clocks
• Multiple center power and ground pins for improved
noise immunity
• Easy memory expansion with CE\ and OE\
options
• All inputs and outputs are TTL-compatible
• Single +3.3V Power Supply +/- 0.3V
• Data Retention Functionality Testing
• Cost Efficient Plastic Packaging
• Extended Testing Over -55ºC to +125ºC for plastics
OPTIONS
MARKING
• Timing
12ns access
-12
15ns access
-15
20ns access
-20
25ns access
-25
• Operating Temperature Ranges
Military (-55oC to +125oC)
XT
Industrial (-40oC to +85oC)
IT
• Package(s)
Ceramic Flatpack
F
No. 307
Plastic SOJ (400 mils wide)
DJ
Ceramic LCC
EC
No. 210
• 2V data retention/low power
L
PIN ASSIGNMENT
(Top View)
36-Pin PSOJ (DJ)
36-Pin CLCC (EC)
GENERAL DESCRIPTION
The AS5LC512K8 is a 3.3V high speed SRAM. It offers
flexibility in high-speed memory applications, with chip enable (CE\)
and output enable (OE\) capabilities. These features can place the
outputs in High-Z for additional flexibility in system design.
Writing to these devices is accomplished when write enable (WE\)
and CE\ inputs are both LOW. Reading is accomplished when WE\
remains HIGH and CE\ and OE\ go LOW.
As a option, the device can be supplied offering a reduced power
standby mode, allowing system designers to meet low standby power
requirements. This device operates from a single +3.3V power supply
and all inputs and outputs are fully TTL-compatible.
The AS5LC512K8DJ offers the convenience and reliability of the
AS5LC512K8 SRAM and has the cost advantage of a plastic
encapsulation.
36-Pin Flat Pack (F)
AVAILABLE AS MILITARY
SPECIFICATIONS
•MIL-STD-883 for Ceramic
•Extended Temperature Plastic (COTS)
512K x 8 SRAM
3.3 VOLT HIGH SPEED SRAM with
CENTER POWER PINOUT
For more products and information
please visit our web site at
www.austinsemiconductor.com


Similar Part No. - AS5LC512K8F-25L/IT

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5LC512K8F-20L/883C AUSTIN-AS5LC512K8F-20L/883C Datasheet
285Kb / 12P
512K x 8 SRAM 3.3 VOLT HIGH SPEED SRAM with CENTER POWER PINOUT
AS5LC512K8F-20L/IT AUSTIN-AS5LC512K8F-20L/IT Datasheet
285Kb / 12P
512K x 8 SRAM 3.3 VOLT HIGH SPEED SRAM with CENTER POWER PINOUT
AS5LC512K8F-20L/XT AUSTIN-AS5LC512K8F-20L/XT Datasheet
285Kb / 12P
512K x 8 SRAM 3.3 VOLT HIGH SPEED SRAM with CENTER POWER PINOUT
More results

Similar Description - AS5LC512K8F-25L/IT

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5C512K8 AUSTIN-AS5C512K8 Datasheet
416Kb / 16P
512K x 8 SRAM HIGH SPEED SRAM with REVOLUTIONARY PINOUT
logo
Aeroflex Circuit Techno...
UT7Q512 AEROFLEX-UT7Q512 Datasheet
107Kb / 16P
512K x 8 SRAM
logo
Austin Semiconductor
AS5LC512K8 AUSTIN-AS5LC512K8 Datasheet
285Kb / 12P
512K x 8 SRAM 3.3 VOLT HIGH SPEED SRAM with CENTER POWER PINOUT
AS5LC1008 AUSTIN-AS5LC1008 Datasheet
121Kb / 10P
128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
AS5C512K8 AUSTIN-AS5C512K8_08 Datasheet
242Kb / 17P
512K x 8 SRAM HIGH SPEED SRAM with REVOLUTIONARY PINOUT
AS5LC1008 AUSTIN-AS5LC1008_05 Datasheet
527Kb / 10P
128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
logo
Lyontek Inc.
LY61L5128 LYONTEK-LY61L5128 Datasheet
233Kb / 15P
512K X 8 BIT HIGH SPEED CMOS SRAM
LY61L5128A LYONTEK-LY61L5128A_13 Datasheet
242Kb / 11P
512K X 8 BIT HIGH SPEED CMOS SRAM
LY61L5128 LYONTEK-LY61L5128_17 Datasheet
637Kb / 12P
512K X 8 BIT HIGH SPEED CMOS SRAM
LY61L5128A LYONTEK-LY61L5128A_16 Datasheet
500Kb / 12P
512K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com