Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS5LC512K8F-25L/IT Datasheet(PDF) 5 Page - Austin Semiconductor

Part # AS5LC512K8F-25L/IT
Description  512K x 8 SRAM 3.3 VOLT HIGH SPEED SRAM with CENTER POWER PINOUT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS5LC512K8F-25L/IT Datasheet(HTML) 5 Page - Austin Semiconductor

  AS5LC512K8F-25L/IT Datasheet HTML 1Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 2Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 3Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 4Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 5Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 6Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 7Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 8Page - Austin Semiconductor AS5LC512K8F-25L/IT Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
AS5LC512K8
AS5LC512K8
Rev. 2.1 08/09
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
5
Austin Semiconductor, Inc.
Input pulse levels ...................................................... Vss to 3.0V
Input rise and fall times ......................................................... 3ns
Input timing reference levels ............................................... 1.5V
Output reference levels ........................................................ 1.5V
Output load ................................................. See Figures 1 and 2
NOTES
1.
All voltages referenced to V
SS (GND).
2.
I
CC limit shown is for absolute worst case switching of
ADDR, ADDR\, ADDR, etc.
3.
I
CC is dependent on output loading and cycle rates.
4.
This parameter is guaranteed but not tested.
5.
Test conditions as specified with the output loading
as shown in Fig. 1 unless otherwise noted.
6.
tLZCE, tLZWE, tLZOE, tHZCE, tHZOE and tHZWE
are specified with CL = 5pF as in Fig. 2. Transition is
measured ±200mV from steady state voltage.
7.
At any given temperature and voltage condition,
tHZCE is less than tLZCE, and tHZWE is less than
tLZWE.
8.
WE\ is HIGH for READ cycle.
9.
Device is continuously selected. Chip enables and
output enables are held in their active state.
10. Address valid prior to, or coincident with, latest
occurring chip enable.
11. tRC = Read Cycle Time.
12. Chip enable and write enable can initiate and
terminate a WRITE cycle.
13. Output enable (OE\) is inactive (HIGH).
14. Output enable (OE\) is active (LOW).
15. ASI does not warrant functionality nor reliability of
any product in which the junction temperature
exceeds 150°C. Care should be taken to limit power to
acceptable levels.
Fig. 1 Output Load Equivalent
Fig. 2 Output Load Equivalent
DATA RETENTION ELECTRICAL CHARACTERISTICS (L Version Only)
AC TEST CONDITIONS
DESCRIPTION
SYM
MIN
MAX
UNITS
NOTES
Vcc for Retention Data
VDR
2V
Data Retention Current
Vcc = 2.0V
ICCDR
6.5
mA
Chip Deselect to Data
tCDR
0ns
4
Operation Recovery Time
tR
20
ms
4, 11
CONDITIONS
CE\ > VCC -0.2V
VIN > VCC -0.2 or 0.2V
3.3V
Q
353
Ω
5 pF
319
Ω
Q
30 pF
R
L
= 50
Ω
V
L
= 1.5V
Z
O=50Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com