Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/13 Datasheet(PDF) 170 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 170 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 166Page - Renesas Technology Corp R8C/13 Datasheet HTML 167Page - Renesas Technology Corp R8C/13 Datasheet HTML 168Page - Renesas Technology Corp R8C/13 Datasheet HTML 169Page - Renesas Technology Corp R8C/13 Datasheet HTML 170Page - Renesas Technology Corp R8C/13 Datasheet HTML 171Page - Renesas Technology Corp R8C/13 Datasheet HTML 172Page - Renesas Technology Corp R8C/13 Datasheet HTML 173Page - Renesas Technology Corp R8C/13 Datasheet HTML 174Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 224 page
background image
R8C/13 Group
16. Electrical Characteristics
Rev.1.20
Jan 27, 2006
page 159 of 205
REJ09B0111-0120
Timing requirements [VCC=5V] (Unless otherwise noted: VCC = 5V, VSS = 0V at Topr = 25 °C)
Table 16.13 XIN input
________
Table 16.14 CNTR0 input, CNTR1 input, INT2 input
________
Table 16.15 TCIN input, INT3 input
Symbol
tC(XIN)
tWH(XIN)
tWL(XIN)
Parameter
XIN input cycle time
XIN input HIGH pulse width
XIN input LOW pulse width
Min.
50
25
25
Max.
–
–
–
Unit
ns
ns
ns
Standard
Symbol
tC(CNTR0)
tWH(CNTR0)
tWL(CNTR0)
Parameter
CNTR0 input cycle time
CNTR0 input HIGH pulse width
CNTR0 input LOW pulse width
Min.
100
40
40
Max.
–
–
–
Unit
ns
ns
ns
Standard
Symbol
tC(TCIN)
tWH(TCIN)
tWL(TCIN)
Parameter
TCIN input cycle time
TCIN input HIGH pulse width
TCIN input LOW pulse width
Min.
400(1)
200(2)
200(2)
Max.
–
–
–
Unit
ns
ns
ns
Standard
NOTES:
1. When using the Timer C input capture mode, adjust the cycle time above ( 1/ Timer C count source
frequency x 3).
2. When using the Timer C input capture mode, adjust the pulse width above ( 1/ Timer C count source
frequency x 1.5).
NOTES:
________
________
1. When selecting the digital filter by the INT0 input filter select bit, use the INT0 input HIGH pulse width
to the greater value,either ( 1/ digital filter clock frequency x 3) or the minimum value of standard.
________
________
2. When selecting the digital filter by the INT0 input filter select bit, use the INT0 input LOW pusle width
to the greater value,either ( 1/ digital filter clock frequency x 3) or the minimum value of standard.
Table 16.16 Serial Interface
________
Table 16.17 External interrupt INT0 input
Symbol
tC(CK)
tW(CKH)
tW(CKL)
td(C-Q)
th(C-Q)
tsu(D-C)
th(C-D)
Parameter
CLKi input cycle time
CLKi input HIGH pulse width
CLKi input LOW pulse width
TxDi output delay time
TxDi hold time
RxDi input setup time
RxDi input hold time
Min.
200
100
100
–
0
35
90
Max.
–
–
–
–
–
–
Unit
ns
ns
ns
ns
ns
ns
ns
Standard
80
Symbol
tW(INH)
tW(INL)
Parameter
________
INT0 input HIGH pulse width
________
INT0 input LOW pulse width
Min.
250(1)
250(2)
Max.
–
–
Unit
ns
ns
Standard



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com