Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/13 Datasheet(PDF) 168 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 168 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 164Page - Renesas Technology Corp R8C/13 Datasheet HTML 165Page - Renesas Technology Corp R8C/13 Datasheet HTML 166Page - Renesas Technology Corp R8C/13 Datasheet HTML 167Page - Renesas Technology Corp R8C/13 Datasheet HTML 168Page - Renesas Technology Corp R8C/13 Datasheet HTML 169Page - Renesas Technology Corp R8C/13 Datasheet HTML 170Page - Renesas Technology Corp R8C/13 Datasheet HTML 171Page - Renesas Technology Corp R8C/13 Datasheet HTML 172Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 224 page
background image
R8C/13 Group
16. Electrical Characteristics
Rev.1.20
Jan 27, 2006
page 157 of 205
REJ09B0111-0120
Table 16.11 Electrical Characteristics (1)
[Vcc=5V]
Symbol
VOH
VOL
"L" output voltage
"H" output voltage
Standard
Typ.
Unit
Measuring condition
V
V
V
Min.
Max.
VCC
-2.0
Parameter
IOH=
-5mA
V
Hysteresis
"H" input current
IIH
"L" input current
IIL
VRAM
RAM retention voltage
VT+-VT-
0.2
V
µA
At stop mode
2.0
VI=5V
VI=0V
RfXIN
Feedback resistance
XIN
M
Ω
RPULLUP
Pull-up resistance
167
k
Ω
30
125
NOTES:
1. Referenced to VCC = AVCC = 4.2 to 5.5V at Topr = -20 to 85 °C / -40 to 85 °C, f(XIN)=20MHz unless otherwise specified.
VCC
Except XOUT
XOUT
IOH=
-200µA
Drive capacity HIGH
Drive capacity LOW
VCC
-0.3
VCC
V
IOH=
-1 mA
VCC
-2.0
VCC
-2.0
IOH=
-500µA
V
V
VCC
VCC
Except P10 to P17, XOUT
P10 to P17
XOUT
Drive capacity HIGH
Drive capacity LOW
IOL= 5 mA
IOL= 200 µA
IOL= 15 mA
IOL= 5 mA
2.0
0.45
V
2.0
2.0
V
Drive capacity HIGH
Drive capacity LOW
IOL= 1 mA
IOL=500 µA
2.0
2.0
V
RESET
0.2
1.0
2.2
V
5.0
-5.0
µA
VI=0V
50
1.0
fRING-S
Low-speed on-chip oscillator frequency
40
250
kHz
INT0, INT1, INT2, INT3, KI0, KI1,
KI2, KI3, CNTRo, CNTR1, TCIN,
RxD0, RxD1, P45
Drive capacity LOW
IOL= 200 µA
0.45
V
V
Symbol
Standard
Typ.
Unit
Measuring condition
Min.
Max.
Parameter
High-speed on-chip oscillator frequency 1 / {td(HRoffset)+td(HR)} when the
reset is released
NOTES:
1. The measuring condition is Vcc=AVcc=5.0 V and Topr=25 °C.
High-speed on-chip oscillator period adjusted unit
MHz
ns
VCC=5.0V, Topr=25 °C
Set "0016" in the HR1 register
8
61
Differences when setting "0116" and "0016"
in the HR register
Settable high-speed on-chip oscillator minimum period
High-speed on-chip oscillator frequency temperature dependence(1)
td(HRoffset)
td(HR)
VCC=5.0V, Topr=25 °C
Set "4016" in the HR1 register
1
ns
Frequency fluctuation in temperature range
of -10 °C to 50 °C
±5
%
%
High-speed on-chip oscillator frequency temperature dependence(2)
Frequency fluctuation in temperature range
of -40 °C to 85 °C
±10
Table 16.9 High-speed On-Chip Oscillator Circuit Electrical Characteristics
Symbol
Standard
Typ.
Unit
Measuring condition
Min.Max.
Parameter
2000
NOTES:
1. The measuring condition is Vcc=AVcc=2.7 to 5.5 V and Topr=25 °C.
2. This shows the wait time until the internal power supply generating circuit is stabilized during power-on.
3. This shows the time until CPU clock supply starts from the interrupt acknowledgement to cancel stop mode.
150
td(R-S)
STOP release time(3)
µs
td(P-R)
Time for internal power supply stabilization during powering-on(2)
µs
1
Table 16.10 Power Circuit Timing Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com