Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/13 Datasheet(PDF) 169 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 169 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 165Page - Renesas Technology Corp R8C/13 Datasheet HTML 166Page - Renesas Technology Corp R8C/13 Datasheet HTML 167Page - Renesas Technology Corp R8C/13 Datasheet HTML 168Page - Renesas Technology Corp R8C/13 Datasheet HTML 169Page - Renesas Technology Corp R8C/13 Datasheet HTML 170Page - Renesas Technology Corp R8C/13 Datasheet HTML 171Page - Renesas Technology Corp R8C/13 Datasheet HTML 172Page - Renesas Technology Corp R8C/13 Datasheet HTML 173Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 224 page
background image
R8C/13 Group
16. Electrical Characteristics
Rev.1.20
Jan 27, 2006
page 158 of 205
REJ09B0111-0120
Symbol
Standard
Typ.
Unit
Measuring condition
Min.
Max.
Parameter
No division
mA
In single-chip mode, the output
pins are open and other pins
are VSS
915
XIN=20 MHz (square wave)
mA
High-speed
mode
ICC
Power supply current
(VCC=3.3 to 5.5V)
470
NOTES:
1. Timer Y is operated with timer mode.
2. Referenced to VCC = AVCC = 4.2 to 5.5V at Topr = -20 to 85 °C / -40 to 85 °C, f(XIN)=20MHz unless otherwise specified.
Wait mode
µA
mA
Medium-speed
mode
High-speed
on-chip oscillator
mode
Low-speed
on-chip oscillator
mode
High-speed on-chip oscillator off
Low-speed on-chip oscillator on=125 kHz
XIN=16 MHz (square wave)
High-speed on-chip oscillator off
Low-speed on-chip oscillator on=125 kHz
No division
8
XIN=20 MHz (square wave)
High-speed on-chip oscillator off
Low-speed on-chip oscillator on=125 kHz
Division by 8
4
XIN=16 MHz (square wave)
High-speed on-chip oscillator off
Low-speed on-chip oscillator on=125 kHz
Division by 8
3
mA
Main clock off
High-speed on-chip oscillator on=8 MHz
Low-speed on-chip oscillator on=125 kHz
No division
48
mA
Main clock off
Low-speed on-chip oscillator on=125 kHz
Division by 8
mA
1.5
Main clock off
High-speed on-chip oscillator off
Low-speed on-chip oscillator on=125 kHz
Division by 8
Main clock off
High-speed on-chip oscillator off
Low-speed on-chip oscillator on=125 kHz
When a WAIT instruction is executed(1)
Peripheral clock operation
40
High-speed on-chip oscillator on=8 MHz
mA
XIN=10 MHz (square wave)
High-speed on-chip oscillator off
Low-speed on-chip oscillator on=125 kHz
No division
5
XIN=10 MHz (square wave)
High-speed on-chip oscillator off
Low-speed on-chip oscillator on=125 kHz
Division by 8
2
mA
14
900
80
Peripheral clock off
µA
Stop mode
Main clock off, Topr=25 °C
High-speed on-chip oscillator off
Low-speed on-chip oscillator off
CM10="1"
Peripheral clock off
0.8
3.0
VC27="0"
µA
Wait mode
Main clock off
High-speed on-chip oscillator off
Low-speed on-chip oscillator on=125 kHz
When a WAIT instruction is executed(1)
38
76
VC27="0"
VC27="0"
µA
Table 16.12 Electrical Characteristics (2)
[Vcc=5V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com