Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/13 Datasheet(PDF) 122 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 122 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 118Page - Renesas Technology Corp R8C/13 Datasheet HTML 119Page - Renesas Technology Corp R8C/13 Datasheet HTML 120Page - Renesas Technology Corp R8C/13 Datasheet HTML 121Page - Renesas Technology Corp R8C/13 Datasheet HTML 122Page - Renesas Technology Corp R8C/13 Datasheet HTML 123Page - Renesas Technology Corp R8C/13 Datasheet HTML 124Page - Renesas Technology Corp R8C/13 Datasheet HTML 125Page - Renesas Technology Corp R8C/13 Datasheet HTML 126Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 111 of 205
REJ09B0111-0120
R8C/13 Group
13. Serial Interface
Figure 13.3 U0TB and U1TB Registers, U0RB and U1RB Registers, and U0BRG and U1BRG Registers
b7
(b15)
(b15)
SymbolAddressAfter reset
U0RB00A716-00A616
Indeterminate
U1RB00AF16-00AE16
Indeterminate
b7
b0
(b8)
b7
b0
UARTi receive buffer register (i=0, 1)
Function
Bit name
Bit
symbol
0 : No framing error
1 : Framing error found
0 : No parity error
1 : Parity error found
0 : No error
1 : Error found
NOTES:
1. Read the UiRB register in 16-bit unit.
2. All of the SUM, PER, FER and OER bits are set to “0” (no error) when the SMD2 to SMD0 bits in the UiMR register are set to “0002” (serial I/O
disabled) or the RE bit in the UiC1 register is set to “0” (reception disabled). The SUM bit is set to “0” (no error) when all of the PER, FER and OER
bits are set to “0” (no error).
The PER and FER bits are set to “0” even when the higher byte of the UiRB register is read.
OER
FER
PER
SUM
Overrun error flag(2)
Framing error flag(2)
Parity error flag(2)
Error sum flag(2)
0 : No overrun error
1 : Overrun error found
Receive data (D7 to D0)
UARTi bit rate register
(i=0, 1)
b0
SymbolAddressAfter reset
U0BRG00A116
Indeterminate
U1BRG00A916
Indeterminate
Function
Assuming that set value = n, UiBRG divides the count source
by n + 1
0016 to FF16
Setting range
NOTES:
1. Write to this register while serial interface is neither transmitting nor receiving.
2. Use MOV instruction to write to this register.
3. After setting the CLK0 to CLK1 bits of the UiC0 register, write to the UiBRG register.
b7
b0
(b8)
b7
b0
UARTi transmit buffer register
(i=0, 1)
Function
Transmit data
Nothing is assigned.
When write, set to “0”. When read, its content is indeterminate.
Symbol
Address
After reset
U0TB
00A316-00A216
Indeterminate
U1TB
00AB16-00AA16
Indeterminate
RW
NOTES:
1. When transfer data length is 9-bit long, write high-byte first then low-byte.
2. Use MOV instruction to write to this register.
WO
RW
RO
RO
RO
RO
RO
(b7-b0)
(b11-b9)
RW
WO
Receive data (D8)
RO
(b8)
Nothing is assigned.
When write, set to “0”. When read, its content is indeterminate.
Bit
symbol
(b8-b0)
(b15-b9)
(1, 2)
(1)
(1, 2, 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com