| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 266 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 266 Page - Renesas Technology Corp |
|
266 / 1504 page ![]() Section 9 Bus Controller (BSC) Rev. 2.00 Sep. 24, 2008 Page 234 of 1468 REJ09B0412-0200 (d) Address/data multiplexed I/O interface The number of access cycles in data cycle of the address/data multiplexed I/O interface is the same as that in the basic bus interface. The number of access cycles in address cycle can be specified as two or three cycles by the ADDEX bit in MPXCR. Number of access cycles in the address/data multiplexed I/O interface = number of address output cycles (2, 3) + number of data output cycles (2, 3) + number of program wait cycles (0 to 7) + number of CS extension cycles (0, 1, 2) [+number of external wait cycles by the WAIT pin] (e) DRAM Interface In the DRAM interface, the numbers of precharge cycles, row address output cycles, and column address output cycles can be specified. The number of precharge cycles can be specified as one to four cycles by bits TPC1 and TPC0 in DRACCR. The number of row address output cycles can be specified as one to four cycles by bits RCD1 and RCD0 in DRACCR. The number of column address output cycles can be specified as two or three cycles by the CAST bit in DRAMCR. For the column address output cycle, program wait (0 to 7 cycles) specified by WTCRB or external wait by WAIT can be inserted. Number of access cycles in the DRAM interface = number of precharge cycles (1 to 4) + number of row address output cycles (1 to 4) + number of column address output cycles (2 or 3) + number of program wait cycles (0 to 7) [+number of external wait cycles by the WAIT pin] (f) SDRAM Interface In the SDRAM interface, the numbers of precharge cycles, row address output cycles, and column address output cycles, as well as clock suspend and write-precharge delay, can be specified by DRACCR and WTCRB. The number of precharge cycles can be specified as one to four cycles by bits TPC1 and TPC0 in DRACCR. The number of row address output cycles can be specified as one to four cycles by bits RCD1 and RCD0 in DRACCR. The number of column address output cycles during read access can be specified as two to four cycles by bits W21 and W20 in WTCRB. The cycles for clock suspend and write-precharge delay can be inserted by bits CKSPE and TRWL in SDCR. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |