Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 263 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 263 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 259Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 260Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 261Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 262Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 263Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 264Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 265Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 266Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 267Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 1504 page
background image
Section 9 Bus Controller (BSC)
Rev. 2.00 Sep. 24, 2008 Page 231 of 1468
REJ09B0412-0200
Output waveform
B
φ
Area 5 access
CS6
CS5
Area 6 access
Area 5 access
Area 6 access
Address bus
Figure 9.10 Timing When
CS Signal is Output to the Same Pin
9.5.4
External Bus Interface
The type of the external bus interfaces, bus width, endian format, number of access cycles, and
strobe assert/negate timings can be set for each area in the external address space. The bus width
and the number of access cycles for both on-chip memory and internal I/O registers are fixed, and
are not affected by the external bus settings.
(1)
Type of External Bus Interface
Six types of external bus interfaces are provided and can be selected in area units. Table 9.4 shows
each interface name, description, area name to be set for each interface. Table 9.5 shows the areas
that can be specified for each interface. The initial state of each area is a basic bus interface.
Table 9.4
Interface Names and Area Names
Interface
Description
Area Name
Basic interface
Directly connected to ROM and
RAM
Basic bus space
Byte control SRAM interface
Directly connected to byte
SRAM with byte control pin
Byte control SRAM space
Burst ROM interface
Directly connected to the ROM
that allows page access
Burst ROM space
Address/data multiplexed I/O
interface
Directly connected to the
peripheral LSI that requires
address and data multiplexing
Address/data multiplexed I/O
space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com