| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 265 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 265 Page - Renesas Technology Corp |
|
265 / 1504 page ![]() Section 9 Bus Controller (BSC) Rev. 2.00 Sep. 24, 2008 Page 233 of 1468 REJ09B0412-0200 (4) Number of Access Cycles (a) Basic Bus Interface The number of access cycles in the basic bus interface can be specified as two or three cycles by the ASTCR. An area specified as 2-state access is specified as 2-state access space; an area specified as 3-state access is specified as 3-state access space. For the 2-state access space, a wait cycle insertion is disabled. For the 3-state access space, a program wait (0 to 7 cycles) specified by WTCRA and WTCRB or an external wait by WAIT can be inserted. Assertion period of the chip select signal can be extended by CSACR. Number of access cycles in the basic bus interface = number of basic cycles (2, 3) + number of program wait cycles (0 to 7) + number of CS extension cycles (0, 1, 2) [+ number of external wait cycles by the WAIT pin] (b) Byte Control SRAM Interface The number of access cycles in the byte control SRAM interface is the same as that in the basic bus interface. Number of access cycles in byte control SRAM interface = number of basic cycles (2, 3) + number of program wait cycles (0 to 7) + number of CS extension cycles (0, 1, 2) [+ number of external wait cycles by the WAIT pin] (c) Burst ROM Interface The number of access cycles at full access in the burst ROM interface is the same as that in the basic bus interface. The number of access cycles in the burst access can be specified as one to eight cycles by the BSTS bit in BROMCR. Number of access cycles in the burst ROM interface = number of basic cycles (2, 3) + number of program wait cycles (0 to 7) + number of CS extension cycles (0, 1) [+number of external wait cycles by the WAIT pin] + number of burst access cycles (1 to 8) × number of burst accesses (0 to 63) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |