| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 262 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 262 Page - Renesas Technology Corp |
|
262 / 1504 page ![]() Section 9 Bus Controller (BSC) Rev. 2.00 Sep. 24, 2008 Page 230 of 1468 REJ09B0412-0200 9.5.3 Chip Select Signals This LSI can output chip select signals ( CS0 to CS7) for areas 0 to 7. The signal outputs low when the corresponding external address space area is accessed. Figure 9.9 shows an example of CSn (n = 0 to 7) signal output timing. Enabling or disabling of CSn signal output is set by the port function control register (PFCR). For details, see section 13.3, Port Function Controller. In on-chip ROM disabled extended mode, pin CS0 is placed in the output state after a reset. Pins CS1 to CS7 are placed in the input state after a reset and so the corresponding PFCR bits should be set to 1 when outputting signals CS1 to CS7. In on-chip ROM enabled extended mode, pins CS0 to CS7 are all placed in the input state after a reset and so the corresponding PFCR bits should be set to 1 when outputting signals CS0 to CS7. The PFCR can specify multiple CS outputs for a pin. If multiple CSn outputs are specified for a single pin by the PFCR, CS to be output are generated by mixing all the CS signals. In this case, the settings for the external bus interface areas in which the CSn signals are output to a single pin should be the same. Figure 9.10 shows the signal output timing when the CS signals to be output to areas 5 and 7 are output to the same pin. Bus cycle T 1 T 2 T 3 External address of area n Address bus B φ CSn Figure 9.9 CSn Signal Output Timing (n = 0 to 7) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |