| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 675 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 675 Page - Renesas Technology Corp |
|
675 / 1504 page ![]() Section 13 I/O Ports Rev. 2.00 Sep. 24, 2008 Page 643 of 1468 REJ09B0412-0200 13.2.14 Port J The pin function of port J can be switched with that of port D according to the combination of operating mode, the EXPE bit, and the PCJKE bit settings. The pin function of port J can be switched according to the PCJKE bit setting in the single-chip mode (EXPE = 0). However, do not change the setting of the PCJKE bit in external extended mode. For details, see section 13.3.12, Port Function Control Register D (PFCRD). (1) PJ7/TIOCA8/TIOCB8/TCLKH/PO23 The pin function is switched as shown below according to the combination of register setting of PPG and TPU, setting of the port function control register (PFCR), and the PJ7DDR bit settings. Setting PPG TPU I/O Port Module Name Pin Function PO23_OE TIOCB8_OE PJ7DDR PPG PO23 output* 1 TPU TIOCB8 output* 0 1 PJ7 output* 0 0 1 I/O port PJ7 input* 0 0 0 Note: * Valid when PCJKE = 1. (2) PJ6/TIOCA8/PO22 The pin function is switched as shown below according to the combination of register setting of PPG and TPU, setting of the port function control register (PFCR), and the PJ6DDR bit settings. Setting PPG TPU I/O Port Module Name Pin Function PO22_OE TIOCA8_OE PJ6DDR PPG PO22 output* 1 TPU TIOCA8 output* 0 1 PJ6 output* 0 0 1 I/O port PJ6 input* 0 0 0 Note: * Valid when PCJKE = 1. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |