Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 671 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 671 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 667Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 668Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 669Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 670Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 671Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 672Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 673Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 674Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 675Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 671 / 1504 page
background image
Section 13 I/O Ports
Rev. 2.00 Sep. 24, 2008 Page 639 of 1468
REJ09B0412-0200
(5)
PF3/A19
The pin function is switched as shown below according to the combination of operating mode, the
EXPE bit, the port function control register (PFCR), and the PF3DDR bit settings.
Setting
I/O Port
MCU
Operating Mode
Module Name
Pin Function
A19_OE
PF3DDR
On-chip ROM
disabled extended
mode
Bus controller
A19 output
Bus controller
A19 output*
1
PF3 output
0
1
Modes other than
on-chip ROM
disabled extended
mode
I/O port
PF3 input
(initial value)
0
0
Note:
*
Valid in external extended mode (EXPE = 1)
(6)
PF2/A18
The pin function is switched as shown below according to the combination of operating mode, the
EXPE bit, the port function control register (PFCR), and the PF2DDR bit settings.
Setting
I/O Port
MCU
Operating Mode
Module Name
Pin Function
A18_OE
PF2DDR
On-chip ROM
disabled extended
mode
Bus controller
A18 output
Bus controller
A18 output*
1
PF2 output
0
1
Modes other than
on-chip ROM
disabled extended
mode
I/O port
PF2 input
(initial value)
0
0
Note:
*
Valid in external extended mode (EXPE = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com