Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 672 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 672 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 668Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 669Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 670Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 671Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 672Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 673Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 674Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 675Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 676Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 672 / 1504 page
background image
Section 13 I/O Ports
Rev. 2.00 Sep. 24, 2008 Page 640 of 1468
REJ09B0412-0200
(7)
PF1/A17
The pin function is switched as shown below according to the combination of operating mode, the
EXPE bit, the port function control register (PFCR), and the PF1DDR bit settings.
Setting
I/O Port
MCU
Operating Mode
Module Name
Pin Function
A17_OE
PF1DDR
On-chip ROM
disabled extended
mode
Bus controller
A17 output
Bus controller
A17 output*
1
PF1 output
0
1
Modes other than
on-chip ROM
disabled extended
mode
I/O port
PF1 input
(initial value)
0
0
Note:
*
Valid in external extended mode (EXPE = 1)
(8)
PF0/A16
The pin function is switched as shown below according to the combination of operating mode, the
EXPE bit, the port function control register (PFCR), and the PF0DDR bit settings.
Setting
I/O Port
MCU
Operating Mode
Module Name
Pin Function
A16_OE
PF0DDR
On-chip ROM
disabled extended
mode
Bus controller
A16 output
Bus controller
A16 output*
1
PF0 output
0
1
Modes other than
on-chip ROM
disabled extended
mode
I/O port
PF0 input
(initial value)
0
0
Note:
*
Valid in external extended mode (EXPE = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com