| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 679 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 679 Page - Renesas Technology Corp |
|
679 / 1504 page ![]() Section 13 I/O Ports Rev. 2.00 Sep. 24, 2008 Page 647 of 1468 REJ09B0412-0200 13.2.15 Port K The pin function of port K can be switched with that of port E according to the combination of operating mode, the EXPE bit, and the PCJKE bit settings. The pin function of port K can be switched according to the PCJKE bit setting in the single-chip mode (EXPE = 0). However, do not change the setting of the PCJKE bit in external extended mode. For details, see section 13.3.12, Port Function Control Register D (PFCRD). (1) PK7/PO31/TIOCA11/TIOCB11 The pin function is switched as shown below according to the combination of register setting of PPG and TPU, setting of the port function control register (PFCR), and the PK7DDR bit settings. Setting PPG TPU I/O Port Module Name Pin Function PO31_OE TIOCB11_OE PK7DDR PPG PO31 output* 1 TPU TIOCB11 output* 0 1 PK7 output* 0 0 1 I/O port PK7 input* 0 0 0 Note: * Valid when PCJKE = 1. (2) PK6/PO30/TIOCA11 The pin function is switched as shown below according to the combination of register setting of PPG and TPU, setting of the port function control register (PFCR), and the PK6DDR bit settings. Setting PPG TPU I/O Port Module Name Pin Function PO30_OE TIOCA11_OE PK6DDR PPG PO30 output* 1 TPU TIOCA11 output* 0 1 PK6 output* 0 0 1 I/O port PK6 input* 0 0 0 Note: * Valid when PCJKE = 1. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |