| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 531 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 531 Page - Renesas Technology Corp |
|
531 / 1504 page ![]() Section 11 EXDMA Controller (EXDMAC) Rev. 2.00 Sep. 24, 2008 Page 499 of 1468 REJ09B0412-0200 (3) Offset subtraction specification To set a negative value in EDOFR, specify a twos complement as an offset value. A twos complement is derived by the following expression: [Twos complement expression for negative offset value] = −[offset value] + 1 (−: bit reverse) Example: Twos complement expression of H'0001FFFF = H'FFFE0000 + H'00000001 = H'FFFE0001 A twos complement can be derived by the NEG.L instruction of the CPU. 11.5.7 Registers during EXDMA Transfer Operation EXDMAC register values are updated as EXDMA transfer processing is performed. The updated values depend on various settings and the transfer status. The following registers and bits are updated: EDSAR, EDDAR, EDTCR, bits BKSZH and BKSZ in EDBSR, and bits DTE, ACT, ERRF, ESIF and DTIF in EDMDR. (1) EXDMA Source Address Register (EDSAR) When the EDSAR address is accessed as the transfer source, the EDSAR value is output, and then EDSAR is updated with the address to be accessed next. Bits SAT1 and SAT0 in EDACR specify incrementing or decrementing. The address is fixed when SAT1 and SAT0 = B ′00, incremented by offset register value when SAT1 and SAT0 = B ′01, incremented when SAT1 and SAT0 = B′10, and decremented when SAT1 and SAT0 = B ′11. (The increment or decrement value is determined by the data access size.) The DTSZ1 and DTSZ0 bits in EDMDR set the data access size. When DTSZ1 and DTSZ0 = B ′00, the data is byte-size and the address is incremented or decremented by 1. When DTSZ1 and DTSZ0 = B ′01, the data is word-size and the address is incremented or decremented by 2. When DTSZ1and DTSZ0 = B ′10, the data is longword-size and the address is incremented or decremented by 4. When a word-size or longword-size is specified but the source address is not at the word or longword boundary, the data is divided into bytes or words for reading. When a word or longword is divided for reading, the address is incremented or decremented by 1 or 2 according to an actual byte-or word-size read. After a word-size or longword-size read, the address is incremented or decremented to or from the read start address according to the setting of SAT1 and SAT0. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |