Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 527 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 527 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 523Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 524Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 525Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 526Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 527Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 528Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 529Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 530Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 531Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 527 / 1504 page
background image
Section 11 EXDMA Controller (EXDMAC)
Rev. 2.00 Sep. 24, 2008 Page 495 of 1468
REJ09B0412-0200
11.5.6
Address Update Function Using Offset
There are the following update methods for transfer destination and source addresses: Fixed,
increment/decrement by 1, 2 or 4, and offset addition. With the offset addition method, the offset
specified by the offset register (EDOFR) is added each time the EXDMAC performs a data-
access-size transfer. This function allows the mid-addresses being skipped during data transfer.
Figure 11.17 shows the address update methods.
±0
+ Offset
±1, 2, or 4
Address not
updated
Value, that corresponds
to data access size,
incremented, decremented
to/from the address
(Successive addresses)
(a) Fixed
(b) Increment/decrement
by 1, 2 or 4
(c) Offset addition
External memory
External memory
External memory
Offset value added to the address
(Insuccessive addresses)
Figure 11.17 Address Update Method
For the fixed method (a), the same address is always indicated without the transfer destination or
source address being updated.
For the method of increment/decrement by 1, 2 or 4 (b), the value corresponding to the data access
size is incremented or decremented to or from the transfer destination or source address each time
the data is transferred. A byte, word, or longword can be specified for the data access size. The
value used for increment or decrement of an address is 1 for a byte-size , 2 for a word-size , and 4
for a longword-size transfer. This function allows continuous address transfer of EXDMAC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com