| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 529 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 529 Page - Renesas Technology Corp |
|
529 / 1504 page ![]() Section 11 EXDMA Controller (EXDMAC) Rev. 2.00 Sep. 24, 2008 Page 497 of 1468 REJ09B0412-0200 In figure 11.18, the offset addition method is set for updating the transfer source address, and the method of increment/decrement 1, 2 or 4 is set for updating the transfer destination address. For updating the second and subsequent transfer source addresses, the data of the address for which the offset value is added to the previous transfer address is read. This data is written to the successive area on the transfer destination. (2) Example of XY conversion using offset Figure 11.19 shows the XY conversion by combining the repeat transfer mode and offset addition. Data 1 Data 2 Data 3 Data 4 Data 5 Data 11 Data 12 Data 16 Data 16 Data 15 Data 14 Data 13 Data 10 Data 9 Data 8 Data 7 Data 6 Data 1 Data 5 Data 9 Data 13 Data 2 Data 11 Data 15 Data 12 Data 8 Data 4 Data 7 Data 3 Data 14 Data 10 Data 6 First cycle 1st transfer Second cycle 2nd transfer Third cycle 3rd transfer First cycle First cycle Second cycle Third cycle Fourth cycle Data 1 Data 2 Data 3 Data 4 Data 15 Data 5 Data 11 Data 12 Data 16 Data 14 Data 13 Data 10 Data 9 Data 8 Data 7 Data 6 Data 1 Data 2 Data 3 Data 4 Data 15 Data 5 Data 11 Data 12 Data 16 Data 14 Data 13 Data 10 Data 9 Data 8 Data 7 Data 6 Data 1 Data 2 Data 3 Data 4 Data 15 Data 5 Data 11 Data 12 Data 16 Data 14 Data 13 Data 10 Data 9 Data 8 Data 7 Data 6 Data 1 Data 5 Data 9 Data 13 Data 12 Data 2 Data 11 Data 15 Data 16 Data 8 Data 4 Data 7 Data 3 Data 14 Data 10 Data 6 Transfer Transfer Interrupt requested Interrupt requested Address restored Interrupt requested Address restored Transfer source address overwritten by CPU Transfer source address overwritten by CPU Offset value Offset value Offset value Figure 11.19 XY Conversion by Combining Repeat Transfer Mode and Offset Addition In figure 11.19, the source address side is set as a repeat area in EDACR and the offset addition is set in EDACR. The offset value is the address that corresponds to 4 × data access size (example: for a longword-size transfer, H'00000010 is specified in EDOFR). The repeat size is 4 × data access size (example: for a longword-size transfer, 4 × 4 = 16 bytes are specified as a repeat size). The increment by 1, 2 or 4 is set for the transfer destination. The RPTIE bit in EDACR is set to 1 to generate a repeat size end interrupt request at the end of a repeat-size transfer. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |