Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 534 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 534 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 530Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 531Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 532Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 533Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 534Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 535Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 536Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 537Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 538Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 534 / 1504 page
background image
Section 11 EXDMA Controller (EXDMAC)
Rev. 2.00 Sep. 24, 2008 Page 502 of 1468
REJ09B0412-0200
(5)
DTE Bit in EDMDR
The DTE bit in EDMDR is written to by the CPU to control enabling and disabling of data
transfer, but may be cleared to 0 automatically by the EXDMAC due to the EXDMA transfer
status.
Conditions for DTE bit clearing by the EXDMAC include the following:
• When the specified total transfer size is completely transferred
• A transfer size error interrupt is requested, and transfer ends
• A repeat size end interrupt is requested, and transfer ends
• When an extended repeat area overflow interrupt is requested, and transfer ends
• When an NMI interrupt is generated, and transfer halts
• When an address error is generated, and transfer halts
• A reset
• Hardware standby mode
• When 0 is written to the DTE bit, and transfer halts
Writes (except to the DTE bit) are prohibited to registers of a channel for which the DTE bit is set
to 1. When changing register settings after a 0-write to the DTE bit, it is necessary to confirm that
the DTE bit has been cleared to 0.
Figure 11.21 shows the procedure for changing register settings in an operating channel.
[1] Write 0 to the DTE bit in EDMDR
[2] Read DTE bit.
[3] Confirm that DTE bit = 0. If DTE bit = 1,
this indicates that EXDMA transfer is in progress.
[4] Write the required set values to the registers.
Read DTE bit
Write 0 to DTE bit
Change register settings
DTE bit = 0
[1]
[2]
[3]
[4]
No
Yes
Changing register settings
in operating channel
Register setting
changes completed
Figure 11.21 Procedure for Changing Register Settings in Operating Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com