Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 537 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 537 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 533Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 534Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 535Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 536Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 537Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 538Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 539Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 540Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 541Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 537 / 1504 page
background image
Section 11 EXDMA Controller (EXDMAC)
Rev. 2.00 Sep. 24, 2008 Page 505 of 1468
REJ09B0412-0200
Channel 0
Channel 1
Channel 2
Channel 0 transfer
Channel 1 transfer
Channel 2 transfer
Channel 0
Channel 1
Channel 2
Idle
Idle
Request cleared
Request cleared
Request cleared
Request
held
Request
held
Request
held
Selected
Selected
Not
selected
Address bus
Channel 0
Channel 1
Channel 2
B
φ
EXDMAC
control
Figure 11.22 Example of Channel Priority Timing
11.5.9
Basic Bus Cycles
An example of the basic bus cycle timing is shown in figure 11.23. In this example, word-size
transfer is performed from 16-bit, 2-state access space to 8-bit, 3-state access space. When the bus
mastership is transferred from the CPU to the EXDMAC, a source address read and destination
address write are performed. The bus is not released in response to another bus request, etc.,
between these read and write operations. As like CPU cycles, EXDMAC cycles conform to the
bus controller settings.
CPU cycle
EXDMAC cycle (one word transfer)
CPU cycle
Address bus
B
φ
T
1
T
2
T
1
T
2
T
3
T
1
T
2
T
3
Source address
Destination address
RD
LHWR
LLWR
High
Figure 11.23 Example of EXDMA Transfer Bus Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com