| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 435 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 435 Page - Renesas Technology Corp |
|
435 / 1504 page ![]() Section 10 DMA Controller (DMAC) Rev. 2.00 Sep. 24, 2008 Page 403 of 1468 REJ09B0412-0200 Transfer Address TA Address BA Address update setting is as follows: Source address increment Fixed destination address Address TB Figure 10.3 Operations in Dual Address Mode (2) Single Address Mode In single address mode, data between an external device and an external memory is directly transferred using the DACK pin instead of DSAR or DDAR. A transfer at a time is performed in one bus cycle. In this mode, the data bus width must be the same as the data access size. For details on the data bus width, see section 9, Bus Controller (BSC). The DMAC accesses an external device as the transfer source or destination by outputting the strobe signal ( DACK) to the external device with DACK and accesses the other transfer target by outputting the address. Accordingly, the DMA transfer is performed in one bus cycle. Figure 10.4 shows an example of a transfer between an external memory and an external device with the DACK pin. In this example, the external device outputs data on the data bus and the data is written to the external memory in the same bus cycle. The transfer direction is decided by the DIRS bit in DACR which specifies an external device with the DACK pin as the transfer source or destination. When DIRS = 0, data is transferred from an external memory (DSAR) to an external device with the DACK pin. When DIRS = 1, data is transferred from an external device with the DACK pin to an external memory (DDAR). The settings of registers which are not used as the transfer source or destination are ignored. The DACK signal output is enabled in single address mode by the DACKE bit in DMDR. The DACK signal is low active. The TEND signal output is enabled or disabled by the TENDE bit in DMDR. The TEND signal is output in one bus cycle. When an idle cycle is inserted before the bus cycle, the TEND signal is also output in the idle cycle. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |