Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 439 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 439 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 435Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 436Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 437Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 438Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 439Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 440Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 441Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 442Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 443Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 439 / 1504 page
background image
Section 10 DMA Controller (DMAC)
Rev. 2.00 Sep. 24, 2008 Page 407 of 1468
REJ09B0412-0200
(2)
Repeat Transfer Mode
In repeat transfer mode, one data access size of data is transferred at a single transfer request. Up
to 4 Gbytes can be specified as a total transfer size by DTCR. The repeat size can be specified in
DBSR up to 65536
× data access size.
The repeat area can be specified for the source or destination address side by bits ARS1 and ARS0
in DACR. The address specified as the repeat area returns to the transfer start address when the
repeat size of transfers is completed. This operation is repeated until the total transfer size
specified in DTCR is completed. When H'00000000 is specified in DTCR, it is regarded as the
free running mode and repeat transfer is continued until the DTE bit in DMDR is cleared to 0.
In addition, a DMA transfer can be stopped and a repeat size end interrupt can be requested to the
CPU or DTC when the repeat size of transfers is completed. When the next transfer is requested
after completion of a 1-repeat size data transfer while the RPTIE bit is set to 1, the DTE bit in
DMDR is cleared to 0 and the ESIF bit in DMDR is set to 1 to complete the transfer. At this time,
an interrupt is requested to the CPU or DTC when the ESIE bit in DMDR is set to 1.
The timing of the
TEND signals is the same as in normal transfer mode.
Figure 10.9 shows the operation in repeat transfer mode while dual address mode is set.
When the repeat area is specified as neither source nor destination address side, the operation is
the same as the normal transfer mode operation shown in figure 10.8. In this case, a repeat size
end interrupt can also be requested to the CPU when the repeat size of transfers is completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com