Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 441 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 441 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 437Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 438Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 439Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 440Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 441Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 442Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 443Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 444Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 445Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 441 / 1504 page
background image
Section 10 DMA Controller (DMAC)
Rev. 2.00 Sep. 24, 2008 Page 409 of 1468
REJ09B0412-0200
Figure 10.10 shows an example of the DMA transfer timing in block transfer mode. The transfer
conditions are as follows:
• Address mode: single address mode
• Data access size: byte
• 1-block size: three bytes
The block transfer mode operations in single address mode and in dual address mode are shown in
figures 10.11 and 10.12, respectively.
CPU
CPU
DMAC
DMAC
DMAC
CPU
Bus cycle
TEND
DREQ
No CPU cycle generated
Transfer cycles for one block
Figure 10.10 Operations in Block Transfer Mode
Transfer
Address T
Address B
DACK
Block
BKSZH
×
data access size
Figure 10.11 Operation in Single Address Mode in Block Transfer Mode
(Block Area Specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com