| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 433 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 433 Page - Renesas Technology Corp |
|
433 / 1504 page ![]() Section 10 DMA Controller (DMAC) Rev. 2.00 Sep. 24, 2008 Page 401 of 1468 REJ09B0412-0200 10.4 Transfer Modes Table 10.4 shows the DMAC transfer modes. The transfer modes can be specified to the individual channels. Table 10.4 Transfer Modes Address Register Address Mode Transfer mode Activation Source Common Function Source Destina- tion Dual address • Normal transfer • Repeat transfer • Block transfer Repeat or block size = 1 to 65,536 bytes, 1 to 65,536 words, or 1 to 65,536 longwords • Auto request (activated by CPU) • On-chip module interrupt • External request • Total transfer size: 1 to 4 Gbytes or not specified • Offset addition • Extended repeat area function DSAR DDAR Single address • Instead of specifying the source or destination address registers, data is directly transferred from/to the external device using the DACK pin • The same settings as above are available other than address register setting (e.g., above transfer modes can be specified) • One transfer can be performed in one bus cycle (the types of transfer modes are the same as those of dual address modes) DSAR/ DACK DACK/ DDAR When the auto request setting is selected as the activation source, the cycle stealing or burst access can be selected. When the total transfer size is not specified (DTCR = H'00000000), the transfer counter is stopped and the transfer is continued without the limitation of the transfer count. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |