Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 434 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 434 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 430Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 431Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 432Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 433Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 434Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 435Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 436Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 437Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 438Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 434 / 1504 page
background image
Section 10 DMA Controller (DMAC)
Rev. 2.00 Sep. 24, 2008 Page 402 of 1468
REJ09B0412-0200
10.5
Operations
10.5.1
Address Modes
(1)
Dual Address Mode
In dual address mode, the transfer source address is specified in DSAR and the transfer destination
address is specified in DDAR. A transfer at a time is performed in two bus cycles (when the data
bus width is less than the data access size or the access address is not aligned with the boundary of
the data access size, the number of bus cycles are needed more than two because one bus cycle is
divided into multiple bus cycles).
In the first bus cycle, data at the transfer source address is read and in the next cycle, the read data
is written to the transfer destination address.
The read and write cycles are not separated. Other bus cycles (bus cycle by other bus masters,
refresh cycle, and external bus release cycle) are not generated between read and write cycles.
The
TEND signal output is enabled or disabled by the TENDE bit in DMDR. The TEND signal is
output in two bus cycles. When an idle cycle is inserted before the bus cycle, the
TEND signal is
also output in the idle cycle. The
DACK signal is not output.
Figure 10.2 shows an example of the signal timing in dual address mode and figure 10.3 shows the
operation in dual address mode.
Address bus
B
φ
RD
WR
TEND
DMA read
cycle
DMA write
cycle
DSAR
DDAR
Figure 10.2 Example of Signal Timing in Dual Address Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com