Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 214 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 214 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 210Page - Renesas Technology Corp R8C/20 Datasheet HTML 211Page - Renesas Technology Corp R8C/20 Datasheet HTML 212Page - Renesas Technology Corp R8C/20 Datasheet HTML 213Page - Renesas Technology Corp R8C/20 Datasheet HTML 214Page - Renesas Technology Corp R8C/20 Datasheet HTML 215Page - Renesas Technology Corp R8C/20 Datasheet HTML 216Page - Renesas Technology Corp R8C/20 Datasheet HTML 217Page - Renesas Technology Corp R8C/20 Datasheet HTML 218Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 501 page
background image
R8C/20 Group, R8C/21 Group
14. Timers
Rev.2.00 Aug 27, 2008
Page 198 of 458
REJ09B0250-0200
14.3.6.1
Changing Output Pins in Registers TRDGRCi (i = 0 or 1) and TRDGRDi
The TRDGRCi register can be used as output control of the TRDIOAi pin and the TRDGRDi register can be
used as output control of the TRDIOBi pin. Therefore, each pin output can be controlled as follows:
• TRDIOAi output is controlled by the values in the TRDGRAi and TRDGRCi registers.
• TRDIOBi output is controlled by the values in the TRDGRBi and TRDGRDi registers.
Figure 14.61
Changing Output Pins in Registers TRDGRCi and TRDGRDi
Change output pins in the TRDGRCi and TRDGRDi registers as below:
• Select 0 (change TRDGRji register output pin) by the IOj3 (j = C or D) bit in the TRDIORCi register.
• Set the BFji bit in the TRDMR register to 0 (general register).
• Set the different value in the TRDGRCi register and the TRDGRAi register. Also, set the different value in
the TRDGRDi register and the TRDGRBi register.
TRDIOA0
Output
control
Comparator
TRDGRA0
TRD0
TRDIOC0
Output
control
Comparator
TRDGRC0
Compare match signal
TRDIOB0
Output
control
Comparator
TRDGRB0
TRDIOD0
Output
control
Comparator
TRDGRD0
Channel 0
TRDIOA1
Output
Control
Comparator
TRDGRA1
TRD1
TRDIOC1
Output
Control
Comparator
TRDGRC1
TRDIOB1
Output
Control
Comparator
TRDGRB1
TRDIOD1
Output
Control
Comparator
TRDGRD1
Channel 1
Compare match signal
Compare match signal
Compare match signal
Compare match signal
Compare match signal
Compare match signal
Compare match signal
IOC3 = 0 in
TRDIORC0 register
IOC3 = 1
IOD3 = 0 in
TRDIORD0 register
IOD3 = 1
IOC3 = 0 in
TRDIORC1 register
IOC3 = 1
IOD3 = 0 in
TRDIORD1 register
IOD3 = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com