Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 213 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 213 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 209Page - Renesas Technology Corp R8C/20 Datasheet HTML 210Page - Renesas Technology Corp R8C/20 Datasheet HTML 211Page - Renesas Technology Corp R8C/20 Datasheet HTML 212Page - Renesas Technology Corp R8C/20 Datasheet HTML 213Page - Renesas Technology Corp R8C/20 Datasheet HTML 214Page - Renesas Technology Corp R8C/20 Datasheet HTML 215Page - Renesas Technology Corp R8C/20 Datasheet HTML 216Page - Renesas Technology Corp R8C/20 Datasheet HTML 217Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 501 page
background image
R8C/20 Group, R8C/21 Group
14. Timers
Rev.2.00 Aug 27, 2008
Page 197 of 458
REJ09B0250-0200
Figure 14.60
Operating Example of Output Compare Function
m
n
p
Value in TRDi register
m + 1
m + 1
TSTARTi bit in
TRDSTR register
1
0
TRDIOAi output
IMFA bit in
TRDSRi register
1
0
n + 1
TRDIOBi output
IMFB bit in
TRDSRi register
1
0
TRDIOCi output
IMFC bit in
TRDSRi register
1
0
Initial output “H”
“L” output by compare match
Set to “0” by a program
Count source
i = 0 or 1
m: Setting value in TRDGRAi register
n: Setting value in TRDGRBi register
p: Setting value in TRDGRCi register
The above applies to the following conditions:
The CSELi bit in the TRDSTR register is set to 1. (The TRDi register is not stopped by the compare match.)
The BFCi and BFDi bits in the TRDMR register are set to 0. (The TRDGRCi and TRDGRDi registers are not used as the buffer register.)
The EAi, EBi and ECi bits in the TRDOER1 register are set to 0. (Enable the TRDIOAi, TRDIOBi and TRDIOCi pin outputs.)
The CCLR2 to CCLR0 bits in the TRDCRi register are set to 001b. (Set the TRDi register to 000h by the compare match in the TRDGRAi register.)
The TOAi and TOBi bits in the TRDOCR register is set to 0. (initial output “L” to the compare match), the TOCi bit is set to 1. (initial output “H” to the compare match.)
The IOA2 to IOA0 bits in the TRDIORAi register are set to 011b. (TRDIOAi output inversed at the TRDGRAi register compare match.)
The IOB2 to IOB0 bits in the TRDIORAi register are set to 010b. (TRDIOBi “H” output at the TRDGRBi register compare match.)
The IOC3 to IOC0 bits in the TRDIORCi register are set to 1001b. (TRDIOCi “L” output at the TRDGRCi register compare match.)
The IOD3 bit in the TRDIORCi register is set to 1. (TRDGRDi register does not control TRDIOBi pin output.)
m
n
p
n + 1
P + 1
Count
stop
Count
restarts
Output level
held
Output level
held
Output level
held
Set to 0 by a program
Set to 0 by a program
“H” output by compare match
Output inversed by compare match
Initial output “L”
Initial output “L”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com