Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 154 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 154 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 150Page - Renesas Technology Corp R8C/20 Datasheet HTML 151Page - Renesas Technology Corp R8C/20 Datasheet HTML 152Page - Renesas Technology Corp R8C/20 Datasheet HTML 153Page - Renesas Technology Corp R8C/20 Datasheet HTML 154Page - Renesas Technology Corp R8C/20 Datasheet HTML 155Page - Renesas Technology Corp R8C/20 Datasheet HTML 156Page - Renesas Technology Corp R8C/20 Datasheet HTML 157Page - Renesas Technology Corp R8C/20 Datasheet HTML 158Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 501 page
background image
R8C/20 Group, R8C/21 Group
14. Timers
Rev.2.00 Aug 27, 2008
Page 138 of 458
REJ09B0250-0200
Figure 14.14
Registers TRBCR and TRBOCR
Timer RB Control Register
Symbol
Address
After Reset
TRBCR
0108h
00h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3. Indicates that count operation is in progress in timer mode or programmable w aveform mode. In programmable one-
shot generation mode or programmable w ait one-shot generation mode, indicates that a one-shot pulse trigger has
been acknow ledged.
When the TSTOP bit is set to 1, registers TRBPRE, TRBSC, TRBPR, and bits TSTART and TCSTF, and the TOSSTF bit
in the TRBOCR register are set to values after a reset.
0 : Stops counting
1 : Counting(3)
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
RO
—
(b7-b3)
—
Timer RB count start bit(1)
Timer RB count forcible stop
bit(1,2)
Refer to 14.2.5 Notes on Tim er RB.
TSTART
RW
TCSTF
Timer RB count status flag(1)
TSTOP
RW
b3 b2
When this bit is set to 1, the count is forcibly
stopped. When read, the content is 0.
b1 b0
0 : Stops counting
1 : Starts counting
b7 b6 b5 b4
Timer RB One-Shot Control Register
(2)
Symbol
Address
After Reset
TRBOCR
0109h
00h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
Timer RB one-shot status
flag(1)
When 1 is set to the TSTOP bit in the TRBCR register, the TOSSTF bit is set to 0.
This register is enabled w hen bits TMOD1 to TMOD0 in the TRBMR register is set to 10b (programmable one-shot
generation mode) or 10b (programmable w ait one-shot generation mode).
RO
—
(b7-b3)
—
RW
RW
Timer RB one-shot start bit
When this bit is set to 1, the one-shot trigger
generated. When read, the content is 0.
Timer RB one-shot stop bit
When this bit is set to 1, the one-shot pulses
(including programmable w ait one-shot pulses)
stops. When read, the content is 0.
b7 b6 b5 b4 b3 b2
0 : One-shot stopping
1 : One-shot operating (including w ait period)
b1 b0
TOSSP
TOSSTF
TOSST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com