Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 157 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 157 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 153Page - Renesas Technology Corp R8C/20 Datasheet HTML 154Page - Renesas Technology Corp R8C/20 Datasheet HTML 155Page - Renesas Technology Corp R8C/20 Datasheet HTML 156Page - Renesas Technology Corp R8C/20 Datasheet HTML 157Page - Renesas Technology Corp R8C/20 Datasheet HTML 158Page - Renesas Technology Corp R8C/20 Datasheet HTML 159Page - Renesas Technology Corp R8C/20 Datasheet HTML 160Page - Renesas Technology Corp R8C/20 Datasheet HTML 161Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 501 page
background image
R8C/20 Group, R8C/21 Group
14. Timers
Rev.2.00 Aug 27, 2008
Page 141 of 458
REJ09B0250-0200
14.2.1
Timer Mode
Timer mode is mode to count a count source which is internally generated or timer RA underflow (see Table
14.7 Timer Mode Specifications). The TRBOCR and TRBSC registers are unused in timer mode.
Figure 14.17 shows the TRBIOC Register in Timer Mode.
Figure 14.17
TRBIOC Register in Timer Mode
Table 14.7
Timer Mode Specifications
Item
Specification
Count Sources
f1, f2, f8, Timer RA underflow
Count Operations
• Decrement
• When the timer underflows, it reloads the reload register contents before the
count continues (when timer RB underflows, the contents of timer RB primary
reload register is reloaded)
Divide Ratio
1/(n+1)(m+1)
n: setting value in TRBPRE register, m: setting value in TRBPR register
Count Start Condition
Write 1 (count starts) to the TSTART bit in the TRBCR register
Count Stop Conditions
• Write 0 (count stops) to the TSTART bit in the TRBCR register
• Write 1 (count forcibly stop) to the TSTOP bit in the TRBCR register
Interrupt Request
Generation Timing
When timer RB underflows [timer RB interrupt]
TRBO Pin Function
Programmable I/O port
INT0 Pin Function
Programmable I/O port or INT0 interrupt input
Read from Timer
The count value can be read out by reading the TRBPR and TRBPRE registers
Write to Timer
• When registers TRBPRE and TRBPR are written while the count is stopped,
values are written to both the reload register and counter.
• When registers TRBPRE and TRBPR are written to while count operation is in
progress:
If the TWRC bit in the TRBMR register is set to 0, the value is written to both
the reload register and the counter.
If the TWRC bit is set to 1, the value is written to the reload register only.
(Refer to 14.2.1.1 Timer Write Control during Count Operation.)
Timer RB I/O Control Register
Symbol
Address
After Reset
TRBIOC
010Ah
00h
Bit Symbol
Bit Name
Function
RW
0
TOPL
Timer RB output level select
bit
Timer RB output sw itch bit
b7 b6 b5 b4 b3 b2
INOSEG
b1 b0
00
INOSTG
TOCNT
0
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
One-shot trigger polarity
select bit
—
(b7-b4)
—
Set to 0 in timer mode
RW
RW
RW
RW
One-shot trigger control bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com