Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 113 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 113 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 109Page - Renesas Technology Corp R8C/20 Datasheet HTML 110Page - Renesas Technology Corp R8C/20 Datasheet HTML 111Page - Renesas Technology Corp R8C/20 Datasheet HTML 112Page - Renesas Technology Corp R8C/20 Datasheet HTML 113Page - Renesas Technology Corp R8C/20 Datasheet HTML 114Page - Renesas Technology Corp R8C/20 Datasheet HTML 115Page - Renesas Technology Corp R8C/20 Datasheet HTML 116Page - Renesas Technology Corp R8C/20 Datasheet HTML 117Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 501 page
background image
R8C/20 Group, R8C/21 Group
12. Interrupts
Rev.2.00 Aug 27, 2008
Page 97 of 458
REJ09B0250-0200
12.1.6.5
Interrupt Response Time
Figure 12.7 shows an Interrupt Response Time. The interrupt response time is the period between an interrupt
request generation and the execution of the first instruction in an interrupt routine. An interrupt response time
includes the period between an interrupt request generation and the completed execution of an instruction
(refer to (a) in Figure 12.7) and the period required to perform an interrupt sequence (20 cycles, refer to (b) in
Figure 12.7).
Figure 12.7
Interrupt Response Time
12.1.6.6
IPL Change when Interrupt Request is Acknowledged
When an interrupt request of a maskable interrupt is acknowledged, the interrupt priority level of the
acknowledged interrupt is set in the IPL.
When a software interrupt and special interrupt request are acknowledged, the level listed in Table 12.5 is set to
the IPL.
Table 12.5 lists the IPL Value When Software or Special Interrupt Is Acknowledged.
Table 12.5
IPL Value When Software or Special Interrupt Is Acknowledged
Interrupt Sources
Value Set to IPL
Watchdog Timer, Oscillation Stop Detection, Voltage Monitor 2, Address Break
7
Software, Address Match, Single-Step
Not changed
Interrupt request is generated Interrupt request is acknowledged
Instruction
Interrupt sequence
Instruction in
interrupt routine
Time
(a)
20 Cycles (b)
Interrupt response time
(a) Period between an interrupt request generation and the completed execution of an
instruction. The length of this time varies depending on the instruction being executed.
The DIVX instruction requires the longest time; 30 cycles (no wait and when the register
is set as the divisor)
(b) 21 cycles for address match and single-step interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com